Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9533 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9533
Description  4-bit I2C-bus LED dimmer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9533 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9533 Datasheet HTML 7Page - NXP Semiconductors PCA9533 Datasheet HTML 8Page - NXP Semiconductors PCA9533 Datasheet HTML 9Page - NXP Semiconductors PCA9533 Datasheet HTML 10Page - NXP Semiconductors PCA9533 Datasheet HTML 11Page - NXP Semiconductors PCA9533 Datasheet HTML 12Page - NXP Semiconductors PCA9533 Datasheet HTML 13Page - NXP Semiconductors PCA9533 Datasheet HTML 14Page - NXP Semiconductors PCA9533 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PCA9533_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2009
11 of 24
NXP Semiconductors
PCA9533
4-bit I2C-bus LED dimmer
8.
Application design-in information
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 14. Since the LED acts as a diode, when the LED is off the
I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes
lower than VDD and is specified as ∆IDD in Table 13 “Static characteristics”.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 15 shows a high value resistor in parallel with the LED. Figure 16 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevents additional supply current consumption when the LED is off.
Fig 14. Typical application
PCA9533
LED0
LED1
SDA
SCL
5 V
I2C-BUS/SMBus
MASTER
002aae632
SDA
SCL
VDD
VSS
5 V
LED2
LED3
10 k
10 k
Fig 15. High value resistor in parallel with
the LED
Fig 16. Device supplied by a lower voltage
002aac189
LED
VDD
LEDn
100 k
VDD
002aac190
LED
VDD
LEDn
3.3 V
5 V


Similar Part No. - PCA9533

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9533 NXP-PCA9533 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9533D PHILIPS-PCA9533D Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9533D01 PHILIPS-PCA9533D01 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9533D02 PHILIPS-PCA9533D02 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
More results

Similar Description - PCA9533

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9530 NXP-PCA9530 Datasheet
152Kb / 24P
   2-bit I2C-bus LED dimmer
Rev. 03-26 February 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com