Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCT37-231M-P10 Datasheet(PDF) 6 Page - Tyco Electronics

Part # GTCT37-231M-P10
Description  Gas Discharge Tube Three Electrode 7.5mm Diameter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCT37-231M-P10 Datasheet(HTML) 6 Page - Tyco Electronics

  GTCT37-231M-P10 Datasheet HTML 1Page - Tyco Electronics GTCT37-231M-P10 Datasheet HTML 2Page - Tyco Electronics GTCT37-231M-P10 Datasheet HTML 3Page - Tyco Electronics GTCT37-231M-P10 Datasheet HTML 4Page - Tyco Electronics GTCT37-231M-P10 Datasheet HTML 5Page - Tyco Electronics GTCT37-231M-P10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Three Electrode 7.5mm Diameter
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx37
DOCUMENT: SCD 25821
REV LETTER: D
REV DATE: MAY 25, 2007
PAGE NO.: 6 OF 6
FAIL-SHORT MECHANISM RESPONSE TIME (Graph represents typical values)
Note: Both electrodes simultaneously powered, each with the AC current value in the graph
PACKAGING
Packaging
Bulk*
( vacuum bags)
Tray
Standard Box
Quantity
200
100
1,000**
* Standard packaging is in trays.
Bulk packaging is only available upon request.
** 5 bags or 10 trays
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of each
product for their applications. Tyco Electronics Corporation assumes no responsibility for the use of its product or for any infringement
of patents or other rights of third parties resulting from the use of its product. No license is granted by implication or otherwise under
any patent or proprietary right of Tyco Electronics except the right to use such product for the purpose for which it is sold.
Tyco
Electronics reserves the right to change or update, without notice, any information contained in this publication; to change, without
notice, the design, construction, processing, or specification of any product; and to discontinue or limit production or distribution of any
product. This publication supersedes and replaces all information previously supplied. Without expressed or written consent by an
officer of Tyco Electronics, Tyco Electronics does not authorize the use of any of its products as components in nuclear facility
applications, aerospace, or in critical life support devices or systems. Tyco Electronics’ only obligations are those in the Tyco
Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be liable for any incidental, indirect, or
consequential damages arising from the sale, resale, use, or misuse of its products.
© 2005, 2007 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - GTCT37-231M-P10

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GTC-1.6CF HIROSE-GTC-1.6CF Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
logo
Amphenol Corporation
GTC00A24-10S AMPHENOL-GTC00A24-10S Datasheet
1Mb / 29P
   Circular MIL Spec Connector 3P SIZE 28 SCKT PLUG STRAIGHT MIL-C-5015
GTC00AF24-10S AMPHENOL-GTC00AF24-10S Datasheet
1Mb / 29P
   Circular MIL Spec Connector 3P SIZE 28 SCKT PLUG STRAIGHT MIL-C-5015
GTC00R28-22S AMPHENOL-GTC00R28-22S Datasheet
1Mb / 29P
   Circular MIL Spec Connector 3P SIZE 28 SCKT PLUG STRAIGHT MIL-C-5015
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results

Similar Description - GTCT37-231M-P10

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600M SOCAY-UN2E8-600M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com