Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9546AD
Description  4-channel I2C-bus switch with reset
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9546AD Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9546AD Datasheet HTML 1Page - NXP Semiconductors PCA9546AD Datasheet HTML 2Page - NXP Semiconductors PCA9546AD Datasheet HTML 3Page - NXP Semiconductors PCA9546AD Datasheet HTML 4Page - NXP Semiconductors PCA9546AD Datasheet HTML 5Page - NXP Semiconductors PCA9546AD Datasheet HTML 6Page - NXP Semiconductors PCA9546AD Datasheet HTML 7Page - NXP Semiconductors PCA9546AD Datasheet HTML 8Page - NXP Semiconductors PCA9546AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
PCA9546A_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 July 2009
5 of 25
NXP Semiconductors
PCA9546A
4-channel I2C-bus switch with reset
5.2 Pin description
[1]
HVQFN16 package die supply ground is connected to both the VSS pin and the exposed center pad. The
VSS pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical,
and board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9546A”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9546A is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
Table 3.
Pin description
Symbol
Pin
Description
SO16, TSSOP16
HVQFN16
A0
1
15
address input 0
A1
2
16
address input 1
RESET
3
1
active LOW reset input
SD0
4
2
serial data 0
SC0
5
3
serial clock 0
SD1
6
4
serial data 1
SC1
7
5
serial clock 1
VSS
86[1]
supply ground
SD2
9
7
serial data 2
SC2
10
8
serial clock 2
SD3
11
9
serial data 3
SC3
12
10
serial clock 3
A2
13
11
address input 2
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage
Fig 5.
Slave address
002aab189
1
1
1
0
A2
A1
A0 R/W
fixed
hardware
selectable


Similar Part No. - PCA9546AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9546AD PHILIPS-PCA9546AD Datasheet
144Kb / 25P
   4-channel I2C switch with reset
Rev. 03-6 April 2005
logo
Texas Instruments
PCA9546AD TI-PCA9546AD Datasheet
1Mb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546AD TI-PCA9546AD Datasheet
1,020Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546AD TI-PCA9546AD Datasheet
933Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PCA9546AD TI-PCA9546AD Datasheet
1Mb / 29P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
More results

Similar Description - PCA9546AD

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
   4-channel I2C-bus switch with reset
logo
Diodes Incorporated
PI4MSD5V9546A DIODES-PI4MSD5V9546A Datasheet
1Mb / 14P
   4 Channel I2C bus Switch with Reset
May 2023 Rev 1-2
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
PCA9546A PHILIPS-PCA9546A Datasheet
144Kb / 25P
   4-channel I2C switch with reset
Rev. 03-6 April 2005
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9846PWJ NXP-PCA9846PWJ Datasheet
961Kb / 32P
   4-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-9 November 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com