Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9553 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9553
Description  4-bit I2C-bus LED driver with programmable blink rates
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9553 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9553 Datasheet HTML 1Page - NXP Semiconductors PCA9553 Datasheet HTML 2Page - NXP Semiconductors PCA9553 Datasheet HTML 3Page - NXP Semiconductors PCA9553 Datasheet HTML 4Page - NXP Semiconductors PCA9553 Datasheet HTML 5Page - NXP Semiconductors PCA9553 Datasheet HTML 6Page - NXP Semiconductors PCA9553 Datasheet HTML 7Page - NXP Semiconductors PCA9553 Datasheet HTML 8Page - NXP Semiconductors PCA9553 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PCA9553_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 29 December 2008
4 of 26
NXP Semiconductors
PCA9553
4-bit I2C-bus LED driver with programmable blink rates
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
HVSON8 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
Fig 4.
Pin configuration for HVSON8
PCA9553D/01
PCA9553D/02
LED0
VDD
LED1
SDA
LED2
SCL
VSS
LED3
002aad678
1
2
3
4
6
5
8
7
PCA9553DP/01
PCA9553DP/02
LED0
VDD
LED1
SDA
LED2
SCL
VSS
LED3
002aad679
1
2
3
4
6
5
8
7
002aad680
LED3
SCL
LED2
SDA
LED1
VDD
LED0
Transparent top view
5
4
6
3
7
2
8
1
terminal 1
index area
PCA9553TK
PCA9553TK/02
VSS
Table 3.
Pin description
Symbol
Pin
Description
LED0
1
LED driver 0
LED1
2
LED driver 1
LED2
3
LED driver 2
VSS
4[1]
supply ground
LED3
5
LED driver 3
SCL
6
serial clock line
SDA
7
serial data line
VDD
8
supply voltage


Similar Part No. - PCA9553

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 NXP-PCA9553 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9553D PHILIPS-PCA9553D Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553D01 PHILIPS-PCA9553D01 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553D02 PHILIPS-PCA9553D02 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
More results

Similar Description - PCA9553

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com