Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

69255-X05YHLF Datasheet(PDF) 3 Page - FCI connector

Part # 69255-X05YHLF
Description  8 POS VERTICAL P.C.B. MOD JACK ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

69255-X05YHLF Datasheet(HTML) 3 Page - FCI connector

  69255-X05YHLF Datasheet HTML 1Page - FCI connector 69255-X05YHLF Datasheet HTML 2Page - FCI connector 69255-X05YHLF Datasheet HTML 3Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PDM: Rev:AE
Released
.
STATUS:
Printed: Feb 24, 2010


Similar Part No. - 69255-X05YHLF

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
6925-SS RAF-6925-SS Datasheet
94Kb / 1P
   PRECISION SHOULDER SCREWS SOCKET HEAD
logo
Emcore Corporation
6925WD-SDAP/04 EMCORE-6925WD-SDAP/04 Datasheet
65Kb / 2P
   Coarse Wave Division Multiplexing
6925WD-SDAP/06 EMCORE-6925WD-SDAP/06 Datasheet
65Kb / 2P
   Coarse Wave Division Multiplexing
6925WD-SDAP/08 EMCORE-6925WD-SDAP/08 Datasheet
65Kb / 2P
   Coarse Wave Division Multiplexing
6925WD-SDSP EMCORE-6925WD-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
More results

Similar Description - 69255-X05YHLF

ManufacturerPart #DatasheetDescription
logo
FCI connector
90598 FCI-CONNECTOR-90598 Datasheet
194Kb / 2P
   8 POS VERT. SNAP PEG P.C.B. III MOD JACK ASSY
94152 FCI-CONNECTOR-94152 Datasheet
85Kb / 1P
   8 POS VERT P.C.B. M/J ASSY SHIELDED
95678 FCI-CONNECTOR-95678 Datasheet
557Kb / 7P
   R/A CAT5 GANG JACK ASSY 8 POS SHIELDED SNAP PEG
87180 FCI-CONNECTOR-87180 Datasheet
224Kb / 2P
   LOW PROFILE PCB III HORZ MOD JACK, FOR 1.6MM P.C.B.
logo
Virginia Panel Corporat...
510161101 VPC-510161101 Datasheet
104Kb / 1P
   ITA MOD 100/8 POS QPDL/PWR-CX
510161102 VPC-510161102 Datasheet
104Kb / 1P
   ITA MOD 100/8 POS QPDL/PWR-CX
logo
Tyco Electronics
2-382462-1 MACOM-2-382462-1 Datasheet
91Kb / 1P
   SOCKET ASSY, DIP, HT, 8 POS DIPLOMATE DL
logo
FCI connector
73304-111LF FCI-CONNECTOR-73304-111LF Datasheet
179Kb / 3P
   SMT RA JACK 8 POS OUTSIDE
logo
Tyco Electronics
102976-3 MACOM-102976-3 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
2-1419158-8 MACOM-2-1419158-8 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com