Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9574BS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9574BS
Description  8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9574BS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9574BS Datasheet HTML 3Page - NXP Semiconductors PCA9574BS Datasheet HTML 4Page - NXP Semiconductors PCA9574BS Datasheet HTML 5Page - NXP Semiconductors PCA9574BS Datasheet HTML 6Page - NXP Semiconductors PCA9574BS Datasheet HTML 7Page - NXP Semiconductors PCA9574BS Datasheet HTML 8Page - NXP Semiconductors PCA9574BS Datasheet HTML 9Page - NXP Semiconductors PCA9574BS Datasheet HTML 10Page - NXP Semiconductors PCA9574BS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PCA9574_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 July 2009
7 of 32
NXP Semiconductors
PCA9574
8-bit I2C-bus and SMBus, level translating, low voltage GPIO
7.2 Command register
Following the successful acknowledgement of the slave address + R/W bit, the bus master
will send a byte to the PCA9574, which will be stored in the Command register.
The lowest 3 bits are used as a pointer to determine which register will be accessed. Only
a command register code with the 3 least significant bits equal to the 8 allowable values
as defined in Table 4 “Register summary” will be acknowledged. Reserved or undefined
command codes will not be acknowledged. At power-up, this register defaults to 00h, with
the AI bit set to ‘0’, and the lowest 3 bits set to ‘0’.
If the Auto-Increment flag is set (AI = 1), the 3 least significant bits of the Command
register are automatically incremented after a read or write. This allows the user to
program and/or read the 8 command registers (listed in Table 4) sequentially. It will then
roll over to register 00h after the last register is accessed and the selected registers will be
overwritten or re-read.
If the Auto-Increment flag is cleared (AI = 0), the 3 least significant bits are not
incremented after data is read or written, only one register will be repeatedly read or
written.
7.3 Register definitions
7.4 Writing to port registers
Data is transmitted to the PCA9574 by sending the device address and setting the least
significant bit to logic 0 (see Figure 6 for device address). The command byte is sent after
the address and determines which register will receive the data following the command
byte. Each 8-bit register may be updated independently of the other registers.
Reset state = 00h
Remark: The Command register does not apply to Software Reset I2C-bus address.
Fig 7.
Command register
002aad056
AI
X
X
X
X
D2
D1
D0
register address
Auto-Increment flag
Table 4.
Register summary
Register
number
D2
D1
D0
Name
Type
Function
00h
0
0
0
IN
read only
Input port register
01h
0
0
1
INVRT
read/write
Polarity inversion register
02h
0
1
0
BKEN
read/write
Bus-hold enable register
03h
0
1
1
PUPD
read/write
Pull-up/pull-down selector register
04h
1
0
0
CFG
read/write
Port configuration register
05h
1
0
1
OUT
read/write
Output port register
06h
1
1
0
MSK
read/write
Interrupt mask register
07h
1
1
1
INTS
read only
Interrupt status register


Similar Part No. - PCA9574BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574BS NXP-PCA9574BS Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9574BS118 NXP-PCA9574BS118 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results

Similar Description - PCA9574BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
PCA9575 NXP-PCA9575_V01 Datasheet
632Kb / 44P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 5.0 - 31 May 2023
PCA9575 NXP-PCA9575 Datasheet
202Kb / 38P
   16-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 03-9 November 2009
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
NXP Semiconductors
PCAL6408A NXP-PCAL6408A Datasheet
2Mb / 48P
   Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 2-6 December 2012
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com