Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9624BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9624BS
Description  8-bit Fm I2C-bus 100 mA 40 V LED driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9624BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9624BS Datasheet HTML 5Page - NXP Semiconductors PCA9624BS Datasheet HTML 6Page - NXP Semiconductors PCA9624BS Datasheet HTML 7Page - NXP Semiconductors PCA9624BS Datasheet HTML 8Page - NXP Semiconductors PCA9624BS Datasheet HTML 9Page - NXP Semiconductors PCA9624BS Datasheet HTML 10Page - NXP Semiconductors PCA9624BS Datasheet HTML 11Page - NXP Semiconductors PCA9624BS Datasheet HTML 12Page - NXP Semiconductors PCA9624BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
PCA9624_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 August 2009
9 of 37
NXP Semiconductors
PCA9624
8-bit Fm+ I2C-bus 100 mA 40 V LED driver
AI[2:0] = 110 is used when the LED drivers must be globally programmed with different
settings during the same I2C-bus communication, for example, global brightness or
blinking change.
AI[2:0] = 111 is used when individual and global changes must be performed during the
same I2C-bus communication, for example, changing a color and global brightness at the
same time.
Only the 5 least significant bits D[4:0] are affected by the AI[2:0] bits.
When the Control register is written, the register entry point determined by D[4:0] is the
first register that will be addressed (read or write operation), and can be anywhere
between 0 0000 and 1 0001 (as defined in Table 4). When AI[2] = 1, the Auto-Increment
flag is set and the rollover value at which the register increment stops and goes to the next
one is determined by AI[2:0]. See Table 3 for rollover values. For example, if the Control
register = 1110 0100 (E4h), then the register addressing sequence will be (in hex):
04
→ … → 0B → 02 → … → 0B → 02 → … → 0B → 02 → … → 0B → 02 → … as long
as the master keeps sending or reading data.
7.3 Register definitions
[1]
Only D[4:0] = 0 0000 to 1 0001 are allowed and will be acknowledged. D[4:0] = 1 0010 to 1 1111 are reserved and will not be
acknowledged.
[2]
When writing to the Control register, bit 4 must be programmed with logic 0 for proper device operation.
Table 4.
Register summary[1][2]
Register number (hex) D4
D3
D2
D1
D0
Name
Type
Function
00
00000
MODE1
read/write
Mode register 1
01
00001
MODE2
read/write
Mode register 2
02
00010
PWM0
read/write
brightness control LED0
03
00011
PWM1
read/write
brightness control LED1
04
00100
PWM2
read/write
brightness control LED2
05
00101
PWM3
read/write
brightness control LED3
06
00110
PWM4
read/write
brightness control LED4
07
00111
PWM5
read/write
brightness control LED5
08
01000
PWM6
read/write
brightness control LED6
09
01001
PWM7
read/write
brightness control LED7
0A
01010
GRPPWM
read/write
group duty cycle control
0B
01011
GRPFREQ
read/write
group frequency
0C
01100
LEDOUT0
read/write
LED output state 0
0D
01101
LEDOUT1
read/write
LED output state 1
0E
01110
SUBADR1
read/write
I2C-bus subaddress 1
0F
01111
SUBADR2
read/write
I2C-bus subaddress 2
10
10000
SUBADR3
read/write
I2C-bus subaddress 3
11
10001
ALLCALLADR
read/write
LED All Call I2C-bus address


Similar Part No. - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9624 NXP-PCA9624 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com