Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9624BS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9624BS
Description  8-bit Fm I2C-bus 100 mA 40 V LED driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9624BS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9624BS Datasheet HTML 6Page - NXP Semiconductors PCA9624BS Datasheet HTML 7Page - NXP Semiconductors PCA9624BS Datasheet HTML 8Page - NXP Semiconductors PCA9624BS Datasheet HTML 9Page - NXP Semiconductors PCA9624BS Datasheet HTML 10Page - NXP Semiconductors PCA9624BS Datasheet HTML 11Page - NXP Semiconductors PCA9624BS Datasheet HTML 12Page - NXP Semiconductors PCA9624BS Datasheet HTML 13Page - NXP Semiconductors PCA9624BS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
PCA9624_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 August 2009
10 of 37
NXP Semiconductors
PCA9624
8-bit Fm+ I2C-bus 100 mA 40 V LED driver
7.3.1 Mode register 1, MODE1
[1]
It takes 500
µs max. for the oscillator to be up and running once SLEEP bit has been set to logic 1. Timings
on LEDn outputs are not guaranteed if PWMx, GRPPWM or GRPFREQ registers are accessed within the
500
µs window.
[2]
No blinking or dimming is possible when the oscillator is off.
7.3.2 Mode register 2, MODE2
[1]
Change of the outputs at the STOP command allows synchronizing outputs of more than one PCA9624.
Applicable to registers from 02h (PWM0) to 08h (LEDOUT) only.
Table 5.
MODE1 - Mode register 1 (address 00h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
AI2
read only
0
Register Auto-Increment disabled.
1*
Register Auto-Increment enabled.
6
AI1
read only
0*
Auto-Increment bit 1 = 0.
1
Auto-Increment bit 1 = 1.
5
AI0
read only
0*
Auto-Increment bit 0 = 0.
1
Auto-Increment bit 0 = 1.
4
SLEEP
R/W
0
Normal mode[1].
1*
Low power mode. Oscillator off[2].
3
SUB1
R/W
0*
PCA9624 does not respond to I2C-bus subaddress 1.
1
PCA9624 responds to I2C-bus subaddress 1.
2
SUB2
R/W
0*
PCA9624 does not respond to I2C-bus subaddress 2.
1
PCA9624 responds to I2C-bus subaddress 2.
1
SUB3
R/W
0*
PCA9624 does not respond to I2C-bus subaddress 3.
1
PCA9624 responds to I2C-bus subaddress 3.
0
ALLCALL
R/W
0
PCA9624 does not respond to LED All Call I2C-bus
address.
1*
PCA9624 responds to LED All Call I2C-bus address.
Table 6.
MODE2 - Mode register 2 (address 01h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
-
read only
0*
reserved
6
-
read only
0*
reserved
5
DMBLNK
R/W
0*
group control = dimming.
1
group control = blinking.
4
INVRT
R/W
0*
reserved; write must always be a logic 0
3
OCH
R/W
0*
outputs change on STOP command[1]
1
outputs change on ACK
2
-
R/W
1*
reserved; write must always be a logic 1
1
-
R/W
0*
reserved; write must always be a logic 0
0
-
R/W
1*
reserved; write must always be a logic 1


Similar Part No. - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9624 NXP-PCA9624 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9624BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9626 NXP-PCA9626 Datasheet
240Kb / 47P
   24-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 02-31 August 2009
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622_12 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9625 NXP-PCA9625 Datasheet
179Kb / 33P
   16-bit Fm I2C-bus 100 mA 24 V LED driver
Rev. 02-15 January 2008
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com