Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX222M050A1P3 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SLPX222M050A1P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX222M050A1P3 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SLPX222M050A1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX222M050A1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/85°C
Size (DxL)
μF
3000 h @ 85 ºC
(Ω)
(A
rms)
(mm)
25 Vdc (32 Vdc Surge)
5600
SLPX562M025A1P3
0.107
2.31
22 x 25
6800
SLPX682M025A3P3
0.088
2.56
22 x 30
8200
SLPX822M025A5P3
0.073
2.86
22 x 35
8200
SLPX822M025C1P3
0.073
2.78
25 x 25
10000
SLPX103M025A5P3
0.060
3.31
22 x 35
10000
SLPX103M025C3P3
0.060
3.16
25 x 30
10000
SLPX103M025E1P3
0.060
3.28
30 x 25
12000
SLPX123M025A7P3
0.050
3.77
22 x 40
12000
SLPX123M025C5P3
0.050
3.63
25 x 35
12000
SLPX123M025E1P3
0.050
3.80
30 x 25
15000
SLPX153M025A9P3
0.040
4.21
22 x 50
15000
SLPX153M025C7P3
0.040
4.10
25 x 40
15000
SLPX153M025E3P3
0.040
4.00
30 x 30
18000
SLPX183M025C4P3
0.033
4.68
25 x 45
18000
SLPX183M025E5P3
0.033
4.66
30 x 35
18000
SLPX183M025H3P3
0.033
4.68
35 x 30
22000
SLPX223M025C9P3
0.027
5.29
25 x 50
22000
SLPX223M025E7P3
0.027
5.33
30 x 40
22000
SLPX223M025H5P3
0.027
5.26
35 x 35
27000
SLPX273M025E4P3
0.022
6.02
30 x 45
27000
SLPX273M025H7P3
0.022
6.02
35 x 40
33000
SLPX333M025E9P3
0.018
5.29
30 x 50
33000
SLPX333M025H4P3
0.018
6.75
35 x 45
39000
SLPX393M025H9P3
0.015
7.56
35 x 50
35 Vdc (44 Vdc Surge)
3900
SLPX392M035A1P3
0.136
2.22
22 x 25
4700
SLPX472M035A3P3
0.113
2.46
22 x 30
4700
SLPX472M035C1P3
0.113
2.43
25 x 25
5600
SLPX562M035A3P3
0.095
2.61
22 x 30
5600
SLPX562M035A5P3
0.095
2.79
22 x 35
5600
SLPX562M035C3P3
0.095
2.75
25 x 30
6800
SLPX682M035A7P3
0.078
2.97
22 x 40
6800
SLPX682M035C3P3
0.078
2.89
25 x 30
6800
SLPX682M035E1P3
0.078
3.09
30 x 25
8200
SLPX822M035A4P3
0.065
3.47
22 x 45
8200
SLPX822M035C5P3
0.065
3.33
25 x 35
8200
SLPX822M035E3P3
0.065
3.29
30 x 30
10000
SLPX103M035A9P3
0.053
3.75
22 x 50
10000
SLPX103M035C7P3
0.053
3.65
25 x 40
10000
SLPX103M035E3P3
0.053
3.61
30 x 30
12000
SLPX123M035C4P3
0.044
4.15
25 x 45
12000
SLPX123M035E5P3
0.044
4.14
30 x 35
12000
SLPX123M035H3P3
0.044
4.27
35 x 30
15000
SLPX153M035C9P3
0.035
4.77
25 x 50
15000
SLPX153M035E7P3
0.035
4.80
30 x 40
15000
SLPX153M035H5P3
0.035
4.95
35 x 35
18000
SLPX183M035E4P3
0.029
5.30
30 x 45
18000
SLPX183M035H7P3
0.029
5.71
35 x 40
22000
SLPX223M035H4P3
0.024
6.38
35 x 45
27000
SLPX273M035H9P3
0.020
6.90
35 x 50
50 Vdc (63 Vdc Surge)
2200
SLPX222M050A1P3
0.211
1.93
22 x 25
2700
SLPX272M050A3P3
0.172
2.21
22 x 30
3300
SLPX332M050A3P3
0.141
2.41
22 x 30
3300
SLPX332M050C1P3
0.141
2.38
25 x 25
3900
SLPX392M050A5P3
0.119
2.72
22 x 35
3900
SLPX392M050C3P3
0.119
2.68
25 x 30
4700
SLPX472M050A7P3
0.099
3.02
22 x 40
4700
SLPX472M050C3P3
0.099
3.07
25 x 30
4700
SLPX472M050E1P3
0.099
3.01
30 x 25
4


Similar Part No. - SLPX222M050A1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX222M050A1P3 CDE-SLPX222M050A1P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX222M050A1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com