Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCA28-750M-P05-B Datasheet(PDF) 3 Page - Tyco Electronics

Part # GTCA28-750M-P05-B
Description  Gas Discharge Tube Standard Two Electrode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCA28-750M-P05-B Datasheet(HTML) 3 Page - Tyco Electronics

  GTCA28-750M-P05-B Datasheet HTML 1Page - Tyco Electronics GTCA28-750M-P05-B Datasheet HTML 2Page - Tyco Electronics GTCA28-750M-P05-B Datasheet HTML 3Page - Tyco Electronics GTCA28-750M-P05-B Datasheet HTML 4Page - Tyco Electronics GTCA28-750M-P05-B Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Standard Two Electrode Series
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx28-xxxx-P05
DOCUMENT: SCD 25819
REV LETTER: D
REV DATE: JULY 7, 2008
PAGE NO.: 3 OF 5
GENERAL CHARACTERISTICS
No Radioactive Material
Storage temperature:
-40°C … +90°C
Operating temperature:
-40°C … + 90°C
Body: Nickel Plated
Leads: Tin Plated
UL 497B Pending
MATERIALS INFORMATION
RoHS Compliant
ELV Compliant
DEVICE RATINGS AND CHARACTERISTICS
DC Sparkover
Voltage
Impulse Sparkover
Voltage
Insulation
Resistance
Capacitance
DC
Holdover
Voltage
Impulse Life
Impulse Discharge
Current 8/20 μs
AC Discharge
Current, 50 Hz
Part Number
@ 100V/s
@ 100V/μs @ 1kV/μs
@ 100V
@ 1MHz
Per
ITUK.12
10/1000 μs,
500A
Single
Hit
Repeat 10
times (5
times each
polarity)
Single
Hit,
9 Cycles
Repeat
(1s
interval)
GTCN28-750M-P05
GTCA28-750M-P05
75V ± 20%
≤ 500V
≤ 700V
≥ 10,000MΩ
1
≤ 1.0pF
≤ 52V
300 times
10kA
5kA
65A
10A,
5 times
GTCN28-900M-P05
GTCA28-900M-P05
90V ± 20%
≤ 500V
≤ 700V
≥ 10,000MΩ
1
≤ 1.0pF
≤ 52V
300 times
10kA
5kA
65A
10A,
5 times
GTCN28-151M-P05
GTCA28-151M-P05
150V ± 20%
≤ 500V
≤ 700V
≥ 10,000MΩ
1
≤ 1.0pF
≤ 80V
300 times
10kA
5kA
65A
10A,
5 times
GTCN28-231L-P05
GTCA28-231L-P05
230V ± 15%
≤ 600V
≤ 750V
≥ 10,000MΩ
≤ 1.0pF
≤ 135V
300 times
10kA
5kA
65A
10A,
5 times
GTCN28-251L-P05
GTCA28-251L-P05
250V ± 15%
≤ 600V
≤ 800V
≥ 10,000MΩ
≤ 1.0pF
≤ 135V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-301L-P05
GTCA28-301L-P05
300V ± 15%
≤ 700V
≤ 850V
≥ 10,000MΩ
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-351L-P05
GTCA28-351L-P05
350V ± 15%
≤ 700V
≤ 850V
≥ 10,000MΩ
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-401L-P05
GTCA28-401L-P05
400V ± 15%
≤ 700V
≤ 850V
≥ 10,000MΩ
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-471L-P05
GTCA28-471L-P05
470V ± 15%
≤ 700V
≤ 850V
≥ 10,000MΩ
2
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-601L-P05
GTCA28-601L-P05
600V ± 15%
≤ 800V
≤ 1,000V
≥ 10,000MΩ
2
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
GTCN28-801L-P05
GTCA28-801L-P05
800V ± 15%
≤ 1,000V
≤ 1,200V
≥ 10,000MΩ
2
≤ 1.0pF
≤ 150V
300 times
10kA
5kA
65A
10A,
10times
Note 1. Insulation Resistance at 50 VDC.
Note 2. Insulation Resistance at 250 VDC.


Similar Part No. - GTCA28-750M-P05-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA28-151M-P15 MACOM-GTCA28-151M-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCA28-151M-P15-FS MACOM-GTCA28-151M-P15-FS Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCA28-151M-P15-FS-B MACOM-GTCA28-151M-P15-FS-B Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCA28-231M-P15 MACOM-GTCA28-231M-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCA28-231M-P15-FS MACOM-GTCA28-231M-P15-FS Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
More results

Similar Description - GTCA28-750M-P05-B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX28-XXXX-P15 MACOM-GTCX28-XXXX-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com