Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAAA684K025 Datasheet(PDF) 2 Page - AVX Corporation

Part # TAAA684K025
Description  Hermetic Axial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAAA684K025 Datasheet(HTML) 2 Page - AVX Corporation

  TAAA684K025 Datasheet HTML 1Page - AVX Corporation TAAA684K025 Datasheet HTML 2Page - AVX Corporation TAAA684K025 Datasheet HTML 3Page - AVX Corporation TAAA684K025 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
104
Hermetic Axial Capacitors
TAA Series
Construction:
Hermetically sealed;
axial terminations
Capacitance Range:
0.10 μF to 330 μF
Capacitance Tolerance:
±20%; ±10%
Measuring Conditions:
120 Hz, 20°C
Rated Voltage VDC
+85°C:
6.3 10 16 20 25
35
50
Category Voltage VDC
+125°C:
4
6.3 10 13 17
23
33
Surge Voltage VDC
+85°C:
8
13 20 26 33
46
65
Surge Voltage VDC
+125°C:
5
9
12 16 21
28
40
Temperature Range:
-55°C to +125°C
Environmental
Classification:
55/125/56 (IEC 68-2)
Dissipation Factor: (tan )
0.04 for C=0.1 to 4.7μF
0.06 for C= 6.8 to 100μF
0.08 for C= 150 to 330μF
Approvals:
BS CECC 30 201-801
Capacitance Range (letter denotes case size)
Capacitance
Cap
Rated voltage DC
μF
Code
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA
0.22
224
AA
0.33
334
AA
0.47
474
AA
0.68
684
A
A
A
1.0
105
AA
1.5
155
A
A
B
B
2.2
225
A
A
B
B
3.3
335
A
A
B
B
4.7
475
A
A
B
B
B
B
6.8
685
A
B
B
B
C
10
106
B
B
B
C
C
15
156
B
B
B
C
C
22
226
B
C
C
D
33
336
B
B
C
C
C
D
47
476
B
C
C
C
D
68
686
C
C
D
D
100
107
C
D
D
150
157
C
D
D
220
227
D
D
330
337
D
TECHNICAL SPECIFICATIONS


Similar Part No. - TAAA684K025

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0515 TRUMPOWER-TAA-1S0515 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0524 TRUMPOWER-TAA-1S0524 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results

Similar Description - TAAA684K025

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
logo
New Jersey Semi-Conduct...
1N6512 NJSEMI-1N6512 Datasheet
236Kb / 1P
   70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Sensitron
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com