Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9670D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9670D
Description  Remote 8-bit I/O expander for Fm I2C-bus with reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9670D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9670D Datasheet HTML 4Page - NXP Semiconductors PCA9670D Datasheet HTML 5Page - NXP Semiconductors PCA9670D Datasheet HTML 6Page - NXP Semiconductors PCA9670D Datasheet HTML 7Page - NXP Semiconductors PCA9670D Datasheet HTML 8Page - NXP Semiconductors PCA9670D Datasheet HTML 9Page - NXP Semiconductors PCA9670D Datasheet HTML 10Page - NXP Semiconductors PCA9670D Datasheet HTML 11Page - NXP Semiconductors PCA9670D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PCA9670_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 July 2007
8 of 28
NXP Semiconductors
PCA9670
Remote 8-bit I/O expander for Fm+ I2C-bus with reset
7.2 Software Reset Call, and device ID addresses
Two other different addresses can be sent to the PCA9670.
General Call address: allows to reset the PCA9670 through the I2C-bus upon
reception of the right I2C-bus sequence. See Section 7.2.1 “Software Reset” for more
information.
Device ID address: allows to read ID information from the device (manufacturer, part
identification, revision). See Section 7.2.2 “Device ID (PCA9670 ID field)” for more
information.
7.2.1 Software Reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write)
is sent by the I2C-bus master.
3. The PCA9670 device(s) acknowledge(s) after seeing the General Call address
‘0000 0000’ (00h) only. If the R/W bit is set to 1 (read), no acknowledge is returned to
the I2C-bus master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h.
a. The PCA9670 acknowledges this value only. If the byte is not equal to 06h, the
PCA9670 does not acknowledge it.
If more than 1 byte of data is sent, the PCA9670 does not acknowledge any more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the PCA9670 then resets to
the default value (power-up value) and is ready to be addressed again within the
specified bus free time. If the master sends a Repeated START instead, no reset is
performed.
Fig 7.
General Call address
Fig 8.
Device ID address
0
002aac115
0
0
0
0
0
0
0
R/W
R/W
002aac116
1
1
1
1
1
0
0


Similar Part No. - PCA9670D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9670 NXP-PCA9670 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9670D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671_10 Datasheet
799Kb / 35P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 2-29 July 2010
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
[Old version datasheet]   Remote 8-Bit I/O Expander for I2C Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com