Electronic Components Datasheet Search |
|
TAAC336K025 Datasheet(PDF) 3 Page - AVX Corporation |
|
TAAC336K025 Datasheet(HTML) 3 Page - AVX Corporation |
3 / 4 page 105 AVX Case Capacitance DCL DF ESR Part No. Size μF (μA) % Max. (Ω) Max. Max. @ 100 kHz 6.3 volt @ 85°C (4 volt @ 125°C) TAAA225(*)006 A 2.2 0.5 4 N/A TAAA335(*)006 A 3.3 0.5 4 N/A TAAA475(*)006 A 4.7 0.5 4 N/A TAAA685(*)006 A 6.8 0.5 6 5.0 TAAB156(*)006 B 15 1.0 6 2.3 TAAB336(*)006 B 3.3 1.0 6 2.0 TAAB476(*)006 B 47 3.0 6 1.6 TAAC686(*)006 C 68 4.5 6 1.0 TAAC157(*)006 C 150 9.5 8 0.8 TAAD227(*)006 D 220 14.0 8 0.6 TAAD337(*)006 D 330 20.0 8 0.5 10 volt @ 85°C (6.3 volt @ 125°C) TAAA475(*)010 A 4.7 0.5 6 5.0 TAAB106(*)010 B 10 1.0 6 2.6 TAAB336(*)010 B 33 3.5 6 1.6 TAAC476(*)010 C 47 3.0 6 1.1 TAAC107(*)010 C 100 10.0 6 1.0 TAAD157(*)010 D 150 15.0 8 0.8 TAAD227(*)010 D 220 20.0 8 0.5 16 volt @ 85°C (10 volt @ 125°C) TAAA335(*)016 A 3.3 0.5 6 6.0 TAAB685(*)016 B 6.8 0.8 6 2.5 TAAB156(*)016 B 15 2.4 6 2.0 TAAB226(*)016 B 22 3.5 6 1.6 TAAC336(*)016 C 33 5.8 6 1.2 TAAC476(*)016 C 47 7.3 6 1.0 TAAC686(*)016 C 68 10.0 6 0.8 TAAD107(*)016 D 100 15.0 6 0.7 TAAD157(*)016 D 150 20.0 8 0.5 20 volt @ 85°C (13 volt @ 125°C) TAAA155(*)020 A 1.5 0.5 4 9.0 TAAA225(*)020 A 2.2 0.5 4 6.5 TAAB475(*)020 B 4.7 0.8 4 3.0 TAAB685(*)020 B 6.8 1.0 6 2.5 TAAB106(*)020 B 10 2.0 6 2.6 TAAB156(*)020 B 15 3.0 6 1.8 TAAC226(*)020 C 22 4.5 6 1.3 TAAC336(*)020 C 33 7.0 6 1.2 TAAC476(*)020 C 47 9.5 6 0.9 TAAD686(*)020 D 68 13.5 6 0.8 TAAD107(*)020 D 100 20.0 6 0.5 AVX Case Capacitance DCL DF ESR Part No. Size μF (μA) % Max. (Ω) Max. Max. @ 100 kHz 25 volt @ 85°C (17 volt @ 125°C) TAAA684(*)025 A 6.8 0.5 4 9.5 TAAA155(*)025 A 1.5 0.5 4 7.5 TAAB475(*)025 B 4.7 1.2 4 2.8 TAAB106(*)025 B 10 2.5 6 2.0 TAAC336(*)025 C 33 8.5 6 1.0 TAAD686(*)025 D 68 15.0 6 0.6 35 volt @ 85°C (23 volt @ 125°C) TAAA104(*)035 A 0.10 0.5 4 N/A TAAA154(*)035 A 0.15 0.5 4 N/A TAAA224(*)035 A 0.22 0.5 4 N/A TAAA334(*)035 A 0.33 0.5 4 N/A TAAA474(*)035 A 0.47 0.5 4 N/A TAAA684(*)035 A 0.68 0.5 4 10.0 TAAA105(*)035 A 1.0 0.5 4 8.0 TAAB155(*)035 B 1.5 0.5 4 6.0 TAAB225(*)035 B 2.2 1.0 4 6.0 TAAB335(*)035 B 3.3 1.0 4 3.5 TAAB475(*)035 B 4.7 1.5 4 2.5 TAAB685(*)035 B 6.8 2.5 6 2.0 TAAC106(*)035 C 10 3.5 6 1.6 TAAC156(*)035 C 15 5.0 6 1.2 TAAC226(*)035 C 22 7.5 6 1.0 TAAD336(*)035 D 33 10.0 6 0.8 TAAD476(*)035 D 47 10.0 6 0.6 50 volt @ 85°C (33 volt @ 125°C) TAAA104(*)050 A 0.10 0.5 4 N/A TAAA154(*)050 A 0.15 0.5 4 N/A TAAA224(*)050 A 0.22 0.5 4 N/A TAAA334(*)050 A 0.33 0.5 4 N/A TAAA474(*)050 A 0.47 0.5 4 N/A TAAA684(*)050 A 0.68 0.5 4 10.0 TAAA105(*)050 A 1.0 0.5 4 8.0 TAAB155(*)050 B 1.5 0.8 4 6.0 TAAB225(*)050 B 2.2 1.1 6 6.0 TAAB335(*)050 B 3.3 1.7 6 3.5 TAAB475(*)050 B 4.7 2.4 6 2.5 TAAC685(*)050 C 6.8 3.4 6 2.0 TAAC106(*)050 C 10 5.0 6 1.6 TAAC156(*)050 C 15 7.5 6 1.2 TAAD226(*)050 D 22 11.0 6 1.0 (*) Insert capacitance tolerance code; M for ±20% and K for ±10% NOTE: Voltage ratings are minimum values. AVX reserves the right to supply higher voltage ratings in the same case size. RATINGS AND PART NUMBER REFERENCE Hermetic Axial Capacitors TAA Series |
Similar Part No. - TAAC336K025 |
|
Similar Description - TAAC336K025 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |