Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9672 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9672
Description  Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9672 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9672 Datasheet HTML 7Page - NXP Semiconductors PCA9672 Datasheet HTML 8Page - NXP Semiconductors PCA9672 Datasheet HTML 9Page - NXP Semiconductors PCA9672 Datasheet HTML 10Page - NXP Semiconductors PCA9672 Datasheet HTML 11Page - NXP Semiconductors PCA9672 Datasheet HTML 12Page - NXP Semiconductors PCA9672 Datasheet HTML 13Page - NXP Semiconductors PCA9672 Datasheet HTML 14Page - NXP Semiconductors PCA9672 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PCA9672_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 July 2007
11 of 27
NXP Semiconductors
PCA9672
Remote 8-bit I/O expander for Fm+ I2C-bus with interrupt and reset
8.4 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9672 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9672 registers and I2C-bus/SMBus state machine will initialize to their default
states. Thereafter VDD must be lowered below 0.2 V to reset the device.
8.5 Interrupt output (INT)
The PCA9672 provides an open-drain interrupt (INT) which can be fed to a corresponding
input of the microcontroller (see Figure 12, Figure 13, and Figure 14). This gives these
chips a kind of master function which can initiate an action elsewhere in the system.
An interrupt is generated by any rising or falling edge of the port inputs. After time tv(D) the
signal INT is valid.
The interrupt disappears when data on the port is changed to the original setting or data is
read from or written to the device which has generated the interrupt.
In the write mode, the interrupt may become deactivated (HIGH) on the rising edge of the
write to port pulse. On the falling edge of the write to port pulse the interrupt is definitely
deactivated (HIGH).
The interrupt is reset in the read mode on the rising edge of the read from port pulse.
During the resetting of the interrupt itself, any changes on the I/Os may not generate an
interrupt. After the interrupt is reset any change in I/Os will be detected and transmitted as
an INT.
8.6 RESET input
A reset can be accomplished by holding the RESET pin LOW for a minimum of tw(rst). The
PCA9672 registers and I2C-bus state machine will be held in their default state until the
RESET input is once again HIGH.
Fig 14. Application of multiple PCA9672s with interrupt
002aac328
VDD
MICROCOMPUTER
INT
PCA9672
INT
PCA9672
INT
device 1
device 2
PCA9672
INT
device 8


Similar Part No. - PCA9672

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9672 NXP-PCA9672 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9672

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
PCA9674 PHILIPS-PCA9674 Datasheet
194Kb / 34P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 02-12 October 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com