Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCN28-750M-P05 Datasheet(PDF) 2 Page - Tyco Electronics

Part # GTCN28-750M-P05
Description  Gas Discharge Tube Standard Two Electrode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCN28-750M-P05 Datasheet(HTML) 2 Page - Tyco Electronics

  GTCN28-750M-P05 Datasheet HTML 1Page - Tyco Electronics GTCN28-750M-P05 Datasheet HTML 2Page - Tyco Electronics GTCN28-750M-P05 Datasheet HTML 3Page - Tyco Electronics GTCN28-750M-P05 Datasheet HTML 4Page - Tyco Electronics GTCN28-750M-P05 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Gas Discharge Tube
Standard Two Electrode Series
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: GTCx28-xxxx-P05
DOCUMENT: SCD 25819
REV LETTER: D
REV DATE: JULY 7, 2008
PAGE NO.: 2 OF 5
PART NUMBERING
EXAMPLE:
DEVICE MARKING
EXAMPLE : GTCA28-231L-P05:
23 P 05 GN
Week of Manufacture
Per Raychem Circuit Protection
lot number system :
E.g. G = First half of 2004; N = week 14
Surge Rating:
05 : 5kA
Product Family
Voltage Designator
23 : 230 V
Manufacturer Marking
GT C N 2 8 - 750 M -P 05
Series
Packaging
GT : Gas Tube
No Suffix: standard Tray packaging
-B: Bulk packaging (only upon special request)
Material
C : Ceramic
Surge Rating
05 : 5kA (10 times 8 x 20
μs)
Type
N : No Leads
Product Family
A : Axial Leaded
Voltage Tolerance
Number of Electrodes
L : ± 15%
2 : Two
M : ± 20%
Diameter
Voltage Designator
8 : 8mm
750 : 75x 10^0 = 75V
801 : 80 x 10^1 =800V


Similar Part No. - GTCN28-750M-P05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCN28-151M-P15 MACOM-GTCN28-151M-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCN28-151M-P15-FS MACOM-GTCN28-151M-P15-FS Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCN28-151M-P15-FS-B MACOM-GTCN28-151M-P15-FS-B Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCN28-231M-P15 MACOM-GTCN28-231M-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
GTCN28-231M-P15-FS MACOM-GTCN28-231M-P15-FS Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
More results

Similar Description - GTCN28-750M-P05

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX28-XXXX-P15 MACOM-GTCX28-XXXX-P15 Datasheet
113Kb / 5P
   Gas Discharge Tube High Surge Two Electrode Series
logo
Socay Electornics Co., ...
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90M SOCAY-UN2E8-90M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90ML SOCAY-UN2E8-90ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150ML SOCAY-UN2E8-150ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN3E6-75MM SOCAY-UN3E6-75MM Datasheet
347Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN327 SOCAY-UN327 Datasheet
339Kb / 4P
   3-Electrode Gas Discharge Tube (GDT)
UN2E8-470M SOCAY-UN2E8-470M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470MSMD SOCAY-UN2E8-470MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com