Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAAA684K050 Datasheet(PDF) 3 Page - AVX Corporation

Part # TAAA684K050
Description  Hermetic Axial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAAA684K050 Datasheet(HTML) 3 Page - AVX Corporation

  TAAA684K050 Datasheet HTML 1Page - AVX Corporation TAAA684K050 Datasheet HTML 2Page - AVX Corporation TAAA684K050 Datasheet HTML 3Page - AVX Corporation TAAA684K050 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
105
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
μF
(μA)
%
Max. (Ω)
Max.
Max.
@ 100 kHz
6.3 volt @ 85°C (4 volt @ 125°C)
TAAA225(*)006
A
2.2
0.5
4
N/A
TAAA335(*)006
A
3.3
0.5
4
N/A
TAAA475(*)006
A
4.7
0.5
4
N/A
TAAA685(*)006
A
6.8
0.5
6
5.0
TAAB156(*)006
B
15
1.0
6
2.3
TAAB336(*)006
B
3.3
1.0
6
2.0
TAAB476(*)006
B
47
3.0
6
1.6
TAAC686(*)006
C
68
4.5
6
1.0
TAAC157(*)006
C
150
9.5
8
0.8
TAAD227(*)006
D
220
14.0
8
0.6
TAAD337(*)006
D
330
20.0
8
0.5
10 volt @ 85°C (6.3 volt @ 125°C)
TAAA475(*)010
A
4.7
0.5
6
5.0
TAAB106(*)010
B
10
1.0
6
2.6
TAAB336(*)010
B
33
3.5
6
1.6
TAAC476(*)010
C
47
3.0
6
1.1
TAAC107(*)010
C
100
10.0
6
1.0
TAAD157(*)010
D
150
15.0
8
0.8
TAAD227(*)010
D
220
20.0
8
0.5
16 volt @ 85°C (10 volt @ 125°C)
TAAA335(*)016
A
3.3
0.5
6
6.0
TAAB685(*)016
B
6.8
0.8
6
2.5
TAAB156(*)016
B
15
2.4
6
2.0
TAAB226(*)016
B
22
3.5
6
1.6
TAAC336(*)016
C
33
5.8
6
1.2
TAAC476(*)016
C
47
7.3
6
1.0
TAAC686(*)016
C
68
10.0
6
0.8
TAAD107(*)016
D
100
15.0
6
0.7
TAAD157(*)016
D
150
20.0
8
0.5
20 volt @ 85°C (13 volt @ 125°C)
TAAA155(*)020
A
1.5
0.5
4
9.0
TAAA225(*)020
A
2.2
0.5
4
6.5
TAAB475(*)020
B
4.7
0.8
4
3.0
TAAB685(*)020
B
6.8
1.0
6
2.5
TAAB106(*)020
B
10
2.0
6
2.6
TAAB156(*)020
B
15
3.0
6
1.8
TAAC226(*)020
C
22
4.5
6
1.3
TAAC336(*)020
C
33
7.0
6
1.2
TAAC476(*)020
C
47
9.5
6
0.9
TAAD686(*)020
D
68
13.5
6
0.8
TAAD107(*)020
D
100
20.0
6
0.5
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
μF
(μA)
%
Max. (Ω)
Max.
Max.
@ 100 kHz
25 volt @ 85°C (17 volt @ 125°C)
TAAA684(*)025
A
6.8
0.5
4
9.5
TAAA155(*)025
A
1.5
0.5
4
7.5
TAAB475(*)025
B
4.7
1.2
4
2.8
TAAB106(*)025
B
10
2.5
6
2.0
TAAC336(*)025
C
33
8.5
6
1.0
TAAD686(*)025
D
68
15.0
6
0.6
35 volt @ 85°C (23 volt @ 125°C)
TAAA104(*)035
A
0.10
0.5
4
N/A
TAAA154(*)035
A
0.15
0.5
4
N/A
TAAA224(*)035
A
0.22
0.5
4
N/A
TAAA334(*)035
A
0.33
0.5
4
N/A
TAAA474(*)035
A
0.47
0.5
4
N/A
TAAA684(*)035
A
0.68
0.5
4
10.0
TAAA105(*)035
A
1.0
0.5
4
8.0
TAAB155(*)035
B
1.5
0.5
4
6.0
TAAB225(*)035
B
2.2
1.0
4
6.0
TAAB335(*)035
B
3.3
1.0
4
3.5
TAAB475(*)035
B
4.7
1.5
4
2.5
TAAB685(*)035
B
6.8
2.5
6
2.0
TAAC106(*)035
C
10
3.5
6
1.6
TAAC156(*)035
C
15
5.0
6
1.2
TAAC226(*)035
C
22
7.5
6
1.0
TAAD336(*)035
D
33
10.0
6
0.8
TAAD476(*)035
D
47
10.0
6
0.6
50 volt @ 85°C (33 volt @ 125°C)
TAAA104(*)050
A
0.10
0.5
4
N/A
TAAA154(*)050
A
0.15
0.5
4
N/A
TAAA224(*)050
A
0.22
0.5
4
N/A
TAAA334(*)050
A
0.33
0.5
4
N/A
TAAA474(*)050
A
0.47
0.5
4
N/A
TAAA684(*)050
A
0.68
0.5
4
10.0
TAAA105(*)050
A
1.0
0.5
4
8.0
TAAB155(*)050
B
1.5
0.8
4
6.0
TAAB225(*)050
B
2.2
1.1
6
6.0
TAAB335(*)050
B
3.3
1.7
6
3.5
TAAB475(*)050
B
4.7
2.4
6
2.5
TAAC685(*)050
C
6.8
3.4
6
2.0
TAAC106(*)050
C
10
5.0
6
1.6
TAAC156(*)050
C
15
7.5
6
1.2
TAAD226(*)050
D
22
11.0
6
1.0
(*) Insert capacitance tolerance code; M for ±20% and K for ±10%
NOTE: Voltage ratings are minimum values. AVX reserves the right to supply higher
voltage ratings in the same case size.
RATINGS AND PART NUMBER REFERENCE
Hermetic Axial Capacitors
TAA Series


Similar Part No. - TAAA684K050

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0515 TRUMPOWER-TAA-1S0515 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0524 TRUMPOWER-TAA-1S0524 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results

Similar Description - TAAA684K050

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
logo
New Jersey Semi-Conduct...
1N6512 NJSEMI-1N6512 Datasheet
236Kb / 1P
   70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Sensitron
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com