Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9701HF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9701HF
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701HF Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9701HF Datasheet HTML 1Page - NXP Semiconductors PCA9701HF Datasheet HTML 2Page - NXP Semiconductors PCA9701HF Datasheet HTML 3Page - NXP Semiconductors PCA9701HF Datasheet HTML 4Page - NXP Semiconductors PCA9701HF Datasheet HTML 5Page - NXP Semiconductors PCA9701HF Datasheet HTML 6Page - NXP Semiconductors PCA9701HF Datasheet HTML 7Page - NXP Semiconductors PCA9701HF Datasheet HTML 8Page - NXP Semiconductors PCA9701HF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
PCA9701_PCA9702_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2009
4 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
6.
Pinning information
6.1 Pinning
Fig 2.
Pin configuration for SO24
Fig 3.
Pin configuration for TSSOP24
Fig 4.
Pin configuration for HWQFN24
Fig 5.
Pin configuration for TSSOP16
SDOUT
VDD
INT
SDIN
INT_EN
SCLK
IN0
CS
IN1
IN15
IN2
IN14
IN3
IN13
IN4
IN12
IN5
IN11
IN6
IN10
IN7
IN9
VSS
IN8
PCA9701D
002aac636
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
PCA9701PW
PCA9701PW/Q900
SDOUT
VDD
INT
SDIN
INT_EN
SCLK
IN0
CS
IN1
IN15
IN2
IN14
IN3
IN13
IN4
IN12
IN5
IN11
IN6
IN10
IN7
IN9
VSS
IN8
002aac424
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
002aad050
PCA9701HF
Transparent top view
IN11
IN4
IN5
IN12
IN3
IN13
IN2
IN14
IN1
IN15
IN0
CS
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
PCA9702PW
PCA9702PW/Q900
SDOUT
VDD
SDIN
INT_EN
SCLK
IN0
IN1
IN7
IN2
IN6
IN3
IN5
VSS
IN4
002aac425
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
INT
CS


Similar Part No. - PCA9701HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9701HF NXP-PCA9701HF Datasheet
164Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
More results

Similar Description - PCA9701HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9702 NXP-PCA9702 Datasheet
164Kb / 28P
   18 V tolerant SPI 16-bit/8-bit GPI with INT
Rev. 03-3 December 2008
logo
STMicroelectronics
ST72141K STMICROELECTRONICS-ST72141K Datasheet
1Mb / 132P
   8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
Fujitsu Component Limit...
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
logo
STMicroelectronics
ST72311R STMICROELECTRONICS-ST72311R Datasheet
1Mb / 164P
   8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
logo
Nexperia B.V. All right...
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
logo
NXP Semiconductors
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74AVC16245 NEXPERIA-74AVC16245 Datasheet
740Kb / 15P
   16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 31 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com