Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93120-140 Datasheet(PDF) 3 Page - FCI connector

Part # 93120-140
Description  RIBCAGE HORIZONTAL HEADER ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

93120-140 Datasheet(HTML) 3 Page - FCI connector

  93120-140 Datasheet HTML 1Page - FCI connector 93120-140 Datasheet HTML 2Page - FCI connector 93120-140 Datasheet HTML 3Page - FCI connector 93120-140 Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDM: Rev:N
Released
.
STATUS:
Printed: May 15, 2010


Similar Part No. - 93120-140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9312 NSC-9312 Datasheet
122Kb / 6P
   One of Eight Line Data Selectors/Multiplexers
logo
Texas Instruments
9312 TI1-9312 Datasheet
360Kb / 8P
[Old version datasheet]   DM9312 1-of-8 Line Data Selector/Multiplexer
logo
Belden Inc.
9312 BELDEN-9312 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
logo
Keystone Electronics Co...
9312 KEYSTONE-9312 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9312 HEYCO-9312 Datasheet
152Kb / 2P
   Snap Rivets
More results

Similar Description - 93120-140

ManufacturerPart #DatasheetDescription
logo
FCI connector
87401-125 FCI-CONNECTOR-87401-125 Datasheet
388Kb / 1P
   RIBCAGE III SMT VERT. HEADER ASSY.
87409-110LF FCI-CONNECTOR-87409-110LF Datasheet
388Kb / 8P
   RIBCAGE III SMT VERT. HEADER ASSY
95776 FCI-CONNECTOR-95776 Datasheet
373Kb / 6P
   RIBCAGE III T/M VERT HEADER ASSY
87409-105 FCI-CONNECTOR-87409-105 Datasheet
388Kb / 1P
   RIBCAGE III SMT VERT. HEADER ASSY.
87849-110LF FCI-CONNECTOR-87849-110LF Datasheet
388Kb / 8P
   RIBCAGE III SMT VERT HEADER ASSY
logo
Harwin Plc
M20-8900305 HARWIN-M20-8900305 Datasheet
55Kb / 1P
   2.54mm PITCH SIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M22-5430305 HARWIN-M22-5430305 Datasheet
62Kb / 1P
   2.00m PITCH DIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M22-5330205 HARWIN-M22-5330205 Datasheet
57Kb / 1P
   2.00m PITCH SIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M20-9960645 HARWIN-M20-9960645 Datasheet
122Kb / 2P
   2.54mm PITCH SIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
M20-9730245 HARWIN-M20-9730245 Datasheet
54Kb / 1P
   2.54mm PITCH SIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com