Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA114TU Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTA114TU
Description  PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA114TU Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTA114TU Datasheet HTML 3Page - NXP Semiconductors PDTA114TU Datasheet HTML 4Page - NXP Semiconductors PDTA114TU Datasheet HTML 5Page - NXP Semiconductors PDTA114TU Datasheet HTML 6Page - NXP Semiconductors PDTA114TU Datasheet HTML 7Page - NXP Semiconductors PDTA114TU Datasheet HTML 8Page - NXP Semiconductors PDTA114TU Datasheet HTML 9Page - NXP Semiconductors PDTA114TU Datasheet HTML 10Page - NXP Semiconductors PDTA114TU Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PDTA114T_SER_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 20 April 2007
8 of 11
NXP Semiconductors
PDTA114T series
PNP resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTA114TE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTA114TK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTA114TM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTA114TS
SOT54
bulk, straight leads
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-116
tape ammopack, wide pitch
-
-
-126
SOT54 variant
bulk, delta pinning
-
-112
-
PDTA114TT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTA114TU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135


Similar Part No. - PDTA114TU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114TU PHILIPS-PDTA114TU Datasheet
48Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA114TU PHILIPS-PDTA114TU Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PDTA114TU PHILIPS-PDTA114TU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA114TU NXP-PDTA114TU Datasheet
88Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTA114TU NEXPERIA-PDTA114TU Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results

Similar Description - PDTA114TU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA114T_SER NEXPERIA-PDTA114T_SER Datasheet
202Kb / 12P
   PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
logo
NXP Semiconductors
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
   PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
PDTA123T_SER NEXPERIA-PDTA123T_SER Datasheet
198Kb / 11P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009
logo
NXP Semiconductors
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB19_PUMB19 PHILIPS-PEMB19_PUMB19_15 Datasheet
70Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02-1 September 2009
logo
Nexperia B.V. All right...
PEMB19 NEXPERIA-PEMB19 Datasheet
185Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
logo
NXP Semiconductors
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA123T NXP-PDTA123T Datasheet
83Kb / 10P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com