Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA124TM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTA124TM
Description  PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124TM Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTA124TM Datasheet HTML 1Page - NXP Semiconductors PDTA124TM Datasheet HTML 2Page - NXP Semiconductors PDTA124TM Datasheet HTML 3Page - NXP Semiconductors PDTA124TM Datasheet HTML 4Page - NXP Semiconductors PDTA124TM Datasheet HTML 5Page - NXP Semiconductors PDTA124TM Datasheet HTML 6Page - NXP Semiconductors PDTA124TM Datasheet HTML 7Page - NXP Semiconductors PDTA124TM Datasheet HTML 8Page - NXP Semiconductors PDTA124TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 04
4
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTA124T series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTA124TE
plastic surface mounted package; 3 leads
SOT416
PDTA124TEF
plastic surface mounted package; 3 leads
SOT490
PDTA124TK
plastic surface mounted package; 3 leads
SOT346
PDTA124TM
leadless ultra small plastic package; 3 solder lands; body
1.0
× 0.6 × 0.5 mm
SOT883
PDTA124TS
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTA124TT
plastic surface mounted package; 3 leads
SOT23
PDTA124TU
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−50
V
VCEO
collector-emitter voltage
open base
−50
V
VEBO
emitter-base voltage
open collector
−5
V
IO
output current (DC)
−100
mA
ICM
peak collector current
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT23
note 1
250
mW
SOT54
note 1
500
mW
SOT323
note 1
200
mW
SOT346
note 1
250
mW
SOT416
note 1
150
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PDTA124TM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA124TM NEXPERIA-PDTA124TM Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTA124TM NEXPERIA-PDTA124TM Datasheet
403Kb / 15P
   PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTA124TMB NEXPERIA-PDTA124TMB Datasheet
724Kb / 12P
   PNP resistor-equipped transistor; R1 = 22 k廓, R2 = open
More results

Similar Description - PDTA124TM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124E NXP-PDTA124E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
PEMB1 NXP-PEMB1 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 15
logo
Nexperia B.V. All right...
PDTA124TMB NEXPERIA-PDTA124TMB Datasheet
724Kb / 12P
   PNP resistor-equipped transistor; R1 = 22 k廓, R2 = open
logo
NXP Semiconductors
PDTC124T NXP-PDTC124T Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 13
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PDTA144T NXP-PDTA144T Datasheet
180Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 05
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
PEMB3 NXP-PEMB3 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMB4 NXP-PEMB4 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com