Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA124XU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA124XU
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA124XU Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA124XU Datasheet HTML 1Page - NXP Semiconductors PDTA124XU Datasheet HTML 2Page - NXP Semiconductors PDTA124XU Datasheet HTML 3Page - NXP Semiconductors PDTA124XU Datasheet HTML 4Page - NXP Semiconductors PDTA124XU Datasheet HTML 5Page - NXP Semiconductors PDTA124XU Datasheet HTML 6Page - NXP Semiconductors PDTA124XU Datasheet HTML 7Page - NXP Semiconductors PDTA124XU Datasheet HTML 8Page - NXP Semiconductors PDTA124XU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PDTA124X_SER_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 3 September 2009
2 of 12
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
2.
Pinning information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23; SOT323; SOT346; SOT416; SOT490
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa148
R1
R2
2
3
1
001aab348
1
2
3
006aaa148
R1
R2
2
3
1
001aab447
1
2
3
006aaa148
R1
R2
2
3
1
006aaa144
12
3
sym003
3
2
1
R1
R2
3
1
2
Transparent
top view
sym003
3
2
1
R1
R2


Similar Part No. - PDTA124XU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124XU PHILIPS-PDTA124XU Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTA124XU PHILIPS-PDTA124XU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTA124XU NEXPERIA-PDTA124XU Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results

Similar Description - PDTA124XU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA124X_SER NEXPERIA-PDTA124X_SER Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
logo
NXP Semiconductors
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
logo
NXP Semiconductors
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
logo
Nexperia B.V. All right...
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
logo
NXP Semiconductors
PEMD17_PUMD17 PHILIPS-PEMD17_PUMD17_15 Datasheet
76Kb / 12P
   NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW
Rev. 03-24 January 2005
PUMD16 NXP-PUMD16_05 Datasheet
69Kb / 10P
   NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = 47 kW
Rev. 02-7 June 2005
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com