Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUEF135 Datasheet(PDF) 10 Page - Tyco Electronics

Part # RUEF135
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUEF135 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button RUEF135 Datasheet HTML 6Page - Tyco Electronics RUEF135 Datasheet HTML 7Page - Tyco Electronics RUEF135 Datasheet HTML 8Page - Tyco Electronics RUEF135 Datasheet HTML 9Page - Tyco Electronics RUEF135 Datasheet HTML 10Page - Tyco Electronics RUEF135 Datasheet HTML 11Page - Tyco Electronics RUEF135 Datasheet HTML 12Page - Tyco Electronics RUEF135 Datasheet HTML 13Page - Tyco Electronics RUEF135 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Dimension
Part
A
B
C
D
E
F
H
J
Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
TYP.
TYP.
TYP.
Figure
LVR/LVRL
240V/120V
LVR005K
8.3
12.9
3.8
7.6
4.3
5.8
(0.33)
(0.51)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR005S
8.3
10.7
3.8
7.6
4.3
5.8
(0.33)
(0.43)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR008K
8.3
12.9
3.8
7.6
4.3
5.8
(0.33)
(0.51)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR008S
8.3
10.7
3.8
7.6
4.3
5.8
(0.33)
(0.43)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR012K
8.3
12.9
3.8
7.6
4.3
5.8
(0.33)
(0.51)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR012S
8.3
10.7
3.8
7.6
4.3
5.8
(0.33)
(0.43)
(0.15)
(0.30)
(0.17)
(0.23)
LVR016K
9.9
13.8
3.8
7.6
4.3
5.8
(0.39)
(0.54)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR016S
9.9
12.5
3.8
7.6
4.3
5.8
(0.39)
(0.50)
(0.15)
(0.30)
(0.17)
(0.23)
R7
LVR025K
9.6
18.8
3.8
7.6
4.3
5.8
(0.38)
(0.74)
(0.15)
(0.30)
(0.17)
(0.23)
R8
LVR025S
9.6
17.4
3.8
7.6
4.3
5.8
(0.38)
(0.69)
(0.15)
(0.30)
(0.17)
(0.23)
R8
LVR033S
11.4
16.5
4.3
5.8
7.6
3.8
(0.45)
(0.65)
(0.17)
(0.23)
(0.30)
(0.15)
R8
LVR033K
11.4
19.0
4.3
5.8
7.6
3.8
(0.45)
(0.75)
(0.17)
(0.23)
(0.30)
(0.15)
R8
LVR040K
11.5
20.9
3.8
7.6
4.3
5.8
(0.46)
(0.82)
(0.15)
(0.30)
(0.17)
(0.23)
R8
LVR040S
11.5
19.5
3.8
7.6
4.3
5.8
(0.46)
(0.77)
(0.15)
(0.30)
(0.17)
(0.23)
R8
LVR055K
14.0
21.7
5.8
7.6
2.0
3.0
(0.55)
(0.85)
(0.23)
(0.30)
(0.08)
(0.12)
R8
LVR055S
14.0
21.7
5.8
7.6
3.8
(0.55)
(0.85)
(0.23)
(0.30)
(0.15)
R8
LVRL075S
10.9
17.0
5.08
7.6
(0.43)
(0.67)
(0.20)
(0.30)
R8
LVRL100S
11.5
20.1
5.08
7.6
(0.45)
(0.79)
(0.20)
(0.30)
R8
LVRL125S
14.0
21.7
5.08
7.6
(0.55)
(0.85)
(0.20)
(0.30)
R8
LVRL135S
16.3
21.7
5.08
7.6
(0.64)
(0.85)
(0.20)
(0.30)
R8
LVRL200S
23.5
27.9
10.15
7.6
(0.93)
(1.25)
(0.40)
(0.30)
R8
BBRF
99V
BBRF550
10.9
14.0
3.6
7.6
4.3
5.8
1.37
1.2
R6, R15,
(0.43)
(0.55)
(0.14)
(0.3)
(0.17)
(0.23)
(0.054)
(0.05)
R16
BBRF750
11.9
15.5
3.6
7.6
4.3
5.8
1.37
1.2
R6, R15,
(0.47)
(0.61)
(0.14)
(0.3)
(0.17)
(0.23)
(0.054)
(0.05)
R16
Table R4 - Dimensions for Radial-leaded Devices in Millimeters (Inches)
119
13


Similar Part No. - RUEF135

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUEF135 MACOM-RUEF135 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RUEF135 MACOM-RUEF135 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RUEF135 MACOM-RUEF135 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
RUEF135 LITTELFUSE-RUEF135 Datasheet
338Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
RUEF135-2 MACOM-RUEF135-2 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RUEF135

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com