Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDH120 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMDH120
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMDH120 Datasheet(HTML) 1 Page - Tyco Electronics

  SMDH120 Datasheet HTML 1Page - Tyco Electronics SMDH120 Datasheet HTML 2Page - Tyco Electronics SMDH120 Datasheet HTML 3Page - Tyco Electronics SMDH120 Datasheet HTML 4Page - Tyco Electronics SMDH120 Datasheet HTML 5Page - Tyco Electronics SMDH120 Datasheet HTML 6Page - Tyco Electronics SMDH120 Datasheet HTML 7Page - Tyco Electronics SMDH120 Datasheet HTML 8Page - Tyco Electronics SMDH120 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
131
15
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
• RoHS compliant
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance
• Computer
• Portable electronics
• Multimedia
Benefits
Features
Applications
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery
PolySwitch surface-mount devices are the preferred
circuit protection method for computer, consumer,
multimedia,
portable,
and
automotive
electronics
applications.
In an effort to reduce the size and cost of surface mount
devices, we introduced the miniSMD product series in
1995.
Subsequently,
we
developed
the
microSMD,
nanoSMD and picoSMD family of products. The picoSMD
series reduced the device size to a 2012mm (0805 mils)
foot print, one fourth the size of the popular miniSMD
series.
Recent additions to the PolySwitch surface-mount series
include
24V
miniSMD
4532mm
(1812
mils),
60V
decaSMD 5050mm (2018 mils), and 2.0A microSMD
3225mm (1210 mils) devices.
PolySwitch Resettable Devices
Surface-mount Devices


Similar Part No. - SMDH120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMDH120 MACOM-SMDH120 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SMDH120 MACOM-SMDH120 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - SMDH120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com