Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143Z Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDTA143Z
Description  PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143Z Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PDTA143Z Datasheet HTML 3Page - NXP Semiconductors PDTA143Z Datasheet HTML 4Page - NXP Semiconductors PDTA143Z Datasheet HTML 5Page - NXP Semiconductors PDTA143Z Datasheet HTML 6Page - NXP Semiconductors PDTA143Z Datasheet HTML 7Page - NXP Semiconductors PDTA143Z Datasheet HTML 8Page - NXP Semiconductors PDTA143Z Datasheet HTML 9Page - NXP Semiconductors PDTA143Z Datasheet HTML 10Page - NXP Semiconductors PDTA143Z Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2004 Aug 05
7
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PDTA143Z series
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PDTA143Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA143Z NEXPERIA-PDTA143Z Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
logo
NXP Semiconductors
PDTA143ZE PHILIPS-PDTA143ZE Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA143ZE NEXPERIA-PDTA143ZE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 8 - 5 December 2011
PDTA143ZE NEXPERIA-PDTA143ZE Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 47 k
Rev. 7 - 5 December 2011
More results

Similar Description - PDTA143Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com