Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA144EE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTA144EE
Description  PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144EE Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTA144EE Datasheet HTML 1Page - NXP Semiconductors PDTA144EE Datasheet HTML 2Page - NXP Semiconductors PDTA144EE Datasheet HTML 3Page - NXP Semiconductors PDTA144EE Datasheet HTML 4Page - NXP Semiconductors PDTA144EE Datasheet HTML 5Page - NXP Semiconductors PDTA144EE Datasheet HTML 6Page - NXP Semiconductors PDTA144EE Datasheet HTML 7Page - NXP Semiconductors PDTA144EE Datasheet HTML 8Page - NXP Semiconductors PDTA144EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2004 Aug 05
3
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 47 kΩ
PDTA144E series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTA144ES
1
base
2
collector
3
emitter
PDTA144EE
1
base
PDTA144EEF
2
emitter
PDTA144EK
3
collector
PDTA144ET
PDTA144EU
PDTA144EM
1
base
2
emitter
3
collector
handbook, halfpage
MAM338
1
2
3
R1
R2
2
3
1
handbook, halfpage
MDB271
Top view
1
2
3
1
2
3
R1
R2
handbook, halfpage
MDB267
2
1
3
Bottom view
1
2
3
R1
R2


Similar Part No. - PDTA144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA144EE PHILIPS-PDTA144EE Datasheet
92Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144EE NEXPERIA-PDTA144EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
PDTA144EE NEXPERIA-PDTA144EE Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 8 - 14 November 2011
logo
NXP Semiconductors
PDTA144EEF PHILIPS-PDTA144EEF Datasheet
49Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 20
More results

Similar Description - PDTA144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTA144EMB NEXPERIA-PDTA144EMB Datasheet
969Kb / 13P
   PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com