Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10033854 Datasheet(PDF) 1 Page - FCI connector

Part # 10033854
Description  DDR II 0.6mm PITCH 200 POS REVERSE TYPE ASSY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10033854 Datasheet(HTML) 1 Page - FCI connector

  10033854 Datasheet HTML 1Page - FCI connector 10033854 Datasheet HTML 2Page - FCI connector 10033854 Datasheet HTML 3Page - FCI connector 10033854 Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PDM: Rev:D
Released
.
STATUS:
Printed: Jan 23, 2010


Similar Part No. - 10033854

ManufacturerPart #DatasheetDescription
logo
FCI connector
10033853 FCI-CONNECTOR-10033853 Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
10033853-052AB FCI-CONNECTOR-10033853-052AB Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
10033853-052FB FCI-CONNECTOR-10033853-052FB Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
10033853-052FSLF FCI-CONNECTOR-10033853-052FSLF Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
10033853-052TB FCI-CONNECTOR-10033853-052TB Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
More results

Similar Description - 10033854

ManufacturerPart #DatasheetDescription
logo
FCI connector
10033853 FCI-CONNECTOR-10033853 Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
59354-052FSLF FCI-CONNECTOR-59354-052FSLF Datasheet
326Kb / 4P
   DDR SO-DIMM 0.6mm PITCH 200 POS. STANDARD TYPE ASSY
59354-052FSLF FCI-CONNECTOR-59354-052FSLF Datasheet
326Kb / 4P
   DDR SO-DIMM 0,6MM PITCH 200 POS STANDARD TYPE ASSY
10030626 FCI-CONNECTOR-10030626 Datasheet
532Kb / 5P
   GIG-Array 13mm PLUG ASSY, 200 SIG. POS.
55740-001LF FCI-CONNECTOR-55740-001LF Datasheet
588Kb / 5P
   GIG-Array 5mm RECP, ASSY 200 SIG POS.
84517-001LF FCI-CONNECTOR-84517-001LF Datasheet
161Kb / 3P
   4.0mm RECPT, ASSY 10 X 20 = 200 POS
10005639 FCI-CONNECTOR-10005639 Datasheet
398Kb / 4P
   DDR II 240P V/T METAL CLIP ASSY
logo
Tyco Electronics
1727981 MACOM-1727981 Datasheet
767Kb / 8P
   HDMI 19 POS RECEPTACLE ASSY SMT TYPE
2-1419158-8 MACOM-2-1419158-8 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
2-1419158-7 MACOM-2-1419158-7 Datasheet
84Kb / 1P
   GET MALE CONNECTOR, ASSY, 2x11 POS. GET STIFTGEHAEUSE, ASSY, 2x11 POS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com