Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA144WE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA144WE
Description  PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144WE Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA144WE Datasheet HTML 1Page - NXP Semiconductors PDTA144WE Datasheet HTML 2Page - NXP Semiconductors PDTA144WE Datasheet HTML 3Page - NXP Semiconductors PDTA144WE Datasheet HTML 4Page - NXP Semiconductors PDTA144WE Datasheet HTML 5Page - NXP Semiconductors PDTA144WE Datasheet HTML 6Page - NXP Semiconductors PDTA144WE Datasheet HTML 7Page - NXP Semiconductors PDTA144WE Datasheet HTML 8Page - NXP Semiconductors PDTA144WE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2004 Aug 05
5
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTA144W series
THERMAL CHARACTERISTICS
Note
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions.; FR4 with 60
μm copper strip line.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
Tamb ≤ 25 °C
SOT54
note 1
250
K/W
SOT23
note 1
500
K/W
SOT346
note 1
500
K/W
SOT323
note 1
625
K/W
SOT416
note 1
830
K/W
SOT490
notes 1 and 2
500
K/W
SOT883
notes 2 and 3
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −50 V; IE = 0 A
−100
nA
ICEO
collector-emitter cut-off current
VCE = −30 V; IB = 0 A
−1
μA
VCE = −30 V; IB = 0 A; Tj = 150 °C
−50
μA
IEBO
emitter-base cut-off current
VEB = −5 V; IC = 0 A
−110
μA
hFE
DC current gain
VCE = −5 V; IC = −5 mA
60
VCEsat
collector-emitter saturation voltage
IC = −10 mA; IB = −0.5 mA
−150
mV
Vi(off)
input-off voltage
IC = −100 μA; VCE = −5 V
−1.7
−1.2
V
Vi(on)
input-on voltage
IC = −2 mA; VCE = −0.3 V
−4
−2.7
V
R1
input resistor
33
47
61
k
Ω
resistor ratio
0.37
0.47
0.57
Cc
collector capacitance
IE = ie = 0 A; VCB = −10 V;
f = 1 MHz
3
pF
R2
R1
--------


Similar Part No. - PDTA144WE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA144WE NEXPERIA-PDTA144WE Datasheet
422Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA144WE NEXPERIA-PDTA144WE Datasheet
420Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PDTA144WEF NEXPERIA-PDTA144WEF Datasheet
422Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 17
PDTA144WEF NEXPERIA-PDTA144WEF Datasheet
420Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
More results

Similar Description - PDTA144WE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTA144WMB NEXPERIA-PDTA144WMB Datasheet
834Kb / 12P
   PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PDTA124XMB NEXPERIA-PDTA124XMB Datasheet
747Kb / 12P
   PNP resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com