Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN3310A Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZVN3310A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN3310A Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZVN3310A Datasheet HTML 1Page - Zetex Semiconductors ZVN3310A Datasheet HTML 2Page - Zetex Semiconductors ZVN3310A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – MARCH 94
FEATURES
*
100 Volt V
DS
*R
DS(on)= 10Ω
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
100
V
Continuous Drain Current at Tamb=25°C
ID
200
mA
Pulsed Drain Current
IDM
2A
Gate-Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
625
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Drain-Source Breakdown
Voltage
BVDSS
100
V
ID=1mA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
0.8
2.4
V
ID=1mA, VDS= VGS
Gate-Body Leakage
IGSS
20
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
1
50
µA
µA
VDS=100V, VGS=0
VDS=80V, VGS=0V, T=125°C(2)
On-State Drain Current(1)
ID(on)
500
mA
VDS=25V, VGS=10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
10
VGS=10V,ID=500mA
Forward Transconductance(1)(2
)
gfs
100
mS
VDS=25V,ID=500mA
Input Capacitance (2)
Ciss
40
pF
Common Source Output
Capacitance (2)
Coss
15
pF
VDS=25V, VGS=0V, f=1MHz
Reverse Transfer Capacitance
(2)
Crss
5pF
Turn-On Delay Time (2)(3)
td(on)
5ns
VDD ≈25V, ID=500mA
Rise Time (2)(3)
tr
7ns
Turn-Off Delay Time (2)(3)
td(off)
6ns
Fall Time (2)(3)
tf
7ns
E-Line
TO92 Compatible
ZVN3310A
3-378
D
G
S
TYPICAL CHARACTERISTICS
Output Characteristics
VDS - Drain Source Voltage (Volts)
Transfer Characteristics
0
2
4
6810
010
20
30
40
50
Saturation Characteristics
6
0
2
4
8
04
8
12
16
20
10
Voltage Saturation Characteristics
VGS-Gate Source Voltage (Volts)
5V
ID=
1A
0.5A
0.2A
VGS-Gate Source Voltage (Volts)
1.4
1.2
0.8
0.2
0
0.4
1.0
0.6
VGS=
10V
7V
8V
VDS - Drain Source Voltage (Volts)
On-resistance vs gate-source voltage
VGS-Gate Source Voltage (Volts)
12
3
4
5 6 7 8 9 10
20
6V
4V
3V
1.6
1.2
0.4
0
0.8
0
2
4
6810
1.4
1.2
0.8
0.2
0
0.4
1.0
0.6
VDS=
25V
9V
1.4
1.0
0.6
0.2
5V
VGS=
10V
7V
8V
6V
4V
3V
9V
ID=
1A
0.5A
0.2A
1
10
100
Normalised RDS(on) and VGS(th) vs Temperature
-40 -20
0 20 40 60 80
120
100
140 160
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.6
0.8
Drai
n-
So
urce
Resi
sta
nc
e R
DS(
on
)
Gate Threshold Vo
ltage VGS
(th)
ID=-0.5A
T-Temperature (C°)
0.4
-80 -60
ZVN3310A
3-379


Similar Part No. - ZVN3310A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN3310A DIODES-ZVN3310A Datasheet
89Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3310A DIODES-ZVN3310A_15 Datasheet
89Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN3310A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com