Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC123YS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTC123YS
Description  NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC123YS Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTC123YS Datasheet HTML 1Page - NXP Semiconductors PDTC123YS Datasheet HTML 2Page - NXP Semiconductors PDTC123YS Datasheet HTML 3Page - NXP Semiconductors PDTC123YS Datasheet HTML 4Page - NXP Semiconductors PDTC123YS Datasheet HTML 5Page - NXP Semiconductors PDTC123YS Datasheet HTML 6Page - NXP Semiconductors PDTC123YS Datasheet HTML 7Page - NXP Semiconductors PDTC123YS Datasheet HTML 8Page - NXP Semiconductors PDTC123YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
NPN Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTC123Y series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 10 kΩ
Rev. 04 — 16 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
NXP
JEITA
JEDEC
PDTC123YE
SOT416
SC-75
-
PDTA123YE
PDTC123YK
SOT346
SC-59A
TO-236
PDTA123YK
PDTC123YM
SOT883
SC-101
-
PDTA123YM
PDTC123YS[1]
SOT54
SC-43A
TO-92
PDTA123YS
PDTC123YT
SOT23
-
TO-236AB
PDTA123YT
PDTC123YU
SOT323
SC-70
-
PDTA123YU
Built-in bias resistors
Reduces component count
Simplifies circuit design
Reduces pick and place costs
General-purpose switching and
amplification
Circuit drivers
Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IO
output current (DC)
-
-
100
mA
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
3.6
4.5
5.5


Similar Part No. - PDTC123YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123YS PHILIPS-PDTC123YS Datasheet
79Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
logo
Nexperia B.V. All right...
PDTC123YS NEXPERIA-PDTC123YS Datasheet
237Kb / 19P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results

Similar Description - PDTC123YS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
logo
Nexperia B.V. All right...
PDTC123YMB NEXPERIA-PDTC123YMB Datasheet
749Kb / 12P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com