Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124TT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC124TT
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124TT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC124TT Datasheet HTML 6Page - NXP Semiconductors PDTC124TT Datasheet HTML 7Page - NXP Semiconductors PDTC124TT Datasheet HTML 8Page - NXP Semiconductors PDTC124TT Datasheet HTML 9Page - NXP Semiconductors PDTC124TT Datasheet HTML 10Page - NXP Semiconductors PDTC124TT Datasheet HTML 11Page - NXP Semiconductors PDTC124TT Datasheet HTML 12Page - NXP Semiconductors PDTC124TT Datasheet HTML 13Page - NXP Semiconductors PDTC124TT Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 13
10
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTC124T series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PDTC124TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124TT PHILIPS-PDTC124TT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTC124TT NEXPERIA-PDTC124TT Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC124TT NEXPERIA-PDTC124TT Datasheet
403Kb / 15P
   PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTC124TT NEXPERIA-PDTC124TT Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
More results

Similar Description - PDTC124TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH19 NXP-PEMH19 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
PEMH1 NXP-PEMH1 Datasheet
143Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTC124TMB NEXPERIA-PDTC124TMB Datasheet
721Kb / 12P
   NPN resistor-equipped transistor; R1 = 22 k廓, R2 = open
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com