Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124TU Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTC124TU
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124TU Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTC124TU Datasheet HTML 4Page - NXP Semiconductors PDTC124TU Datasheet HTML 5Page - NXP Semiconductors PDTC124TU Datasheet HTML 6Page - NXP Semiconductors PDTC124TU Datasheet HTML 7Page - NXP Semiconductors PDTC124TU Datasheet HTML 8Page - NXP Semiconductors PDTC124TU Datasheet HTML 9Page - NXP Semiconductors PDTC124TU Datasheet HTML 10Page - NXP Semiconductors PDTC124TU Datasheet HTML 11Page - NXP Semiconductors PDTC124TU Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2004 Aug 13
8
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTC124T series
UNIT
A1
max.
A(1)
bb1
e1
eL
L1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.46
0.20
0.12
0.55
0.47
0.03
0.62
0.55
0.35
0.65
DIMENSIONS (mm are the original dimensions)
Note
1. Including plating thickness
0.30
0.22
0.30
0.22
SOT883
SC-101
03-02-05
03-04-03
DE
1.02
0.95
L
E
2
3
1
b
b1
A1
A
D
L1
0
0.5
1 mm
scale
Leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm
SOT883
e
e1


Similar Part No. - PDTC124TU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124TU PHILIPS-PDTC124TU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTC124TU NEXPERIA-PDTC124TU Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC124TU NEXPERIA-PDTC124TU Datasheet
403Kb / 15P
   PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTC124TU NEXPERIA-PDTC124TU Datasheet
403Kb / 15P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
More results

Similar Description - PDTC124TU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH19 NXP-PEMH19 Datasheet
260Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
PDTC124E NXP-PDTC124E Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 17
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
PEMH1 NXP-PEMH1 Datasheet
143Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTC124TMB NEXPERIA-PDTC124TMB Datasheet
721Kb / 12P
   NPN resistor-equipped transistor; R1 = 22 k廓, R2 = open
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD2 NEXPERIA-PQMD2 Datasheet
735Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 22 k廓
logo
NXP Semiconductors
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com