Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124XS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTC124XS
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124XS Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTC124XS Datasheet HTML 1Page - NXP Semiconductors PDTC124XS Datasheet HTML 2Page - NXP Semiconductors PDTC124XS Datasheet HTML 3Page - NXP Semiconductors PDTC124XS Datasheet HTML 4Page - NXP Semiconductors PDTC124XS Datasheet HTML 5Page - NXP Semiconductors PDTC124XS Datasheet HTML 6Page - NXP Semiconductors PDTC124XS Datasheet HTML 7Page - NXP Semiconductors PDTC124XS Datasheet HTML 8Page - NXP Semiconductors PDTC124XS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDTC124X_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 November 2009
5 of 12
NXP Semiconductors
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB with 60
μm copper strip line, standard footprint.
7.
Characteristics
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT416
[1] --
833
K/W
SOT490
[1][2] --
500
K/W
SOT346
[1] --
500
K/W
SOT883
[2][3] --
500
K/W
SOT54
[1] --
250
K/W
SOT23
[1] --
500
K/W
SOT323
[1] --
625
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB =0A
-
-
1
μA
VCE =30V; IB =0A;
Tj =150 °C
--
50
μA
IEBO
emitter-base cut-off
current
VEB =5 V; IC = 0 A
-
-
120
μA
hFE
DC current gain
VCE =5V; IC =5mA
80
-
-
VCEsat
collector-emitter
saturation voltage
IC =10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC =100 μA-
0.8
0.5
V
VI(on)
on-state input voltage
VCE = 300 mV; IC =2mA
2
1.1
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
VCB =10V; IE =ie =0 A;
f=1MHz
--
2.5
pF


Similar Part No. - PDTC124XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124XS PHILIPS-PDTC124XS Datasheet
83Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
logo
Nexperia B.V. All right...
PDTC124XS NEXPERIA-PDTC124XS Datasheet
260Kb / 13P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC124XS NEXPERIA-PDTC124XS Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
More results

Similar Description - PDTC124XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com