Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10034542-20143LF Datasheet(PDF) 4 Page - FCI connector

Part # 10034542-20143LF
Description  DDR II 240P PRESS-FIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10034542-20143LF Datasheet(HTML) 4 Page - FCI connector

  10034542-20143LF Datasheet HTML 1Page - FCI connector 10034542-20143LF Datasheet HTML 2Page - FCI connector 10034542-20143LF Datasheet HTML 3Page - FCI connector 10034542-20143LF Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDM: Rev:P
Released
.
STATUS:
Printed: Jan 23, 2010


Similar Part No. - 10034542-20143LF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1003451051 MOLEX1-1003451051 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451051 MOLEX-1003451051 Datasheet
783Kb / 3P
   ZQSFP TO 4ZSFP 25G CBL ASSY
2018/11/08
1003451056 MOLEX-1003451056 Datasheet
51Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, Low-smoke Zero-halogen Cable, 30 AWG, 0.5m Length
1003451101 MOLEX1-1003451101 Datasheet
52Kb / 1P
   zQSFP-to-4 zSFP Passive Cable Assembly, 100 Gbps-to-(4) 25 Gbps, 30 AWG
1003451101 MOLEX-1003451101 Datasheet
783Kb / 3P
   ZQSFP TO 4ZSFP 25G CBL ASSY
2018/11/08
More results

Similar Description - 10034542-20143LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10037402 FCI-CONNECTOR-10037402 Datasheet
426Kb / 4P
   DDR II 240P FBDIMM
10005639 FCI-CONNECTOR-10005639 Datasheet
398Kb / 4P
   DDR II 240P V/T METAL CLIP ASSY
logo
Molex Electronics Ltd.
0877465111 MOLEX9-0877465111 Datasheet
517Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys
0877469011 MOLEX9-0877469011 Datasheet
519Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
0877469001 MOLEX9-0877469001 Datasheet
520Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Press-fit, 1.8V Center Keys, 3.30mm (.130") Tail Length
logo
Cypress Semiconductor
CY7C129 CYPRESS-CY7C129 Datasheet
243Kb / 8P
   RAM9 QDR-I/DDR-I/QDR-II/DDR- II Errata
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
   DDR-II and DDR-I Termination Regulator
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
[Old version datasheet]   DDR-II Termination Regulator
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
   DDR-II Termination Regulator
logo
List of Unclassifed Man...
AT24017-H3B-4F ETC-AT24017-H3B-4F Datasheet
167Kb / 1P
   SPECIFICATIONS DDR II Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com