Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144EE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC144EE
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144EE Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC144EE Datasheet HTML 1Page - NXP Semiconductors PDTC144EE Datasheet HTML 2Page - NXP Semiconductors PDTC144EE Datasheet HTML 3Page - NXP Semiconductors PDTC144EE Datasheet HTML 4Page - NXP Semiconductors PDTC144EE Datasheet HTML 5Page - NXP Semiconductors PDTC144EE Datasheet HTML 6Page - NXP Semiconductors PDTC144EE Datasheet HTML 7Page - NXP Semiconductors PDTC144EE Datasheet HTML 8Page - NXP Semiconductors PDTC144EE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 17
4
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 47 kΩ
PDTC144E series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTC144EE
plastic surface mounted package; 3 leads
SOT416
PDTC144EEF
plastic surface mounted package; 3 leads
SOT490
PDTC144EK
plastic surface mounted package; 3 leads
SOT346
PDTC144EM
leadless ultra small plastic package; 3 solder lands; body
1.0
× 0.6 × 0.5 mm
SOT883
PDTC144ES
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTC144ET
plastic surface mounted package; 3 leads
SOT23
PDTC144EU
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
50
V
VEBO
emitter-base voltage
open collector
10
V
VI
input voltage
positive
+40
V
negative
−10
V
IO
output current (DC)
100
mA
ICM
peak collector current
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
500
mW
SOT23
note 1
250
mW
SOT346
note 1
250
mW
SOT323
note 1
200
mW
SOT416
note 1
150
mW
SOT490
notes 1 and 2
250
mW
SOT883
notes 2 and 3
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Similar Part No. - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144EE PHILIPS-PDTC144EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 16
PDTC144EE PHILIPS-PDTC144EE Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EE PHILIPS-PDTC144EE Datasheet
760Kb / 17P
   NPN resistor-equipped transistors
Rev. 9-15 November 2011
logo
Nexperia B.V. All right...
PDTC144EE NEXPERIA-PDTC144EE Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
logo
NXP Semiconductors
PDTC144EEF PHILIPS-PDTC144EEF Datasheet
48Kb / 8P
   NPN resistor-equipped transistor
1999 May 27
More results

Similar Description - PDTC144EE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PDTC144EMB PHILIPS-PDTC144EMB_15 Datasheet
725Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com