Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144VM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTC144VM
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144VM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTC144VM Datasheet HTML 3Page - NXP Semiconductors PDTC144VM Datasheet HTML 4Page - NXP Semiconductors PDTC144VM Datasheet HTML 5Page - NXP Semiconductors PDTC144VM Datasheet HTML 6Page - NXP Semiconductors PDTC144VM Datasheet HTML 7Page - NXP Semiconductors PDTC144VM Datasheet HTML 8Page - NXP Semiconductors PDTC144VM Datasheet HTML 9Page - NXP Semiconductors PDTC144VM Datasheet HTML 10Page - NXP Semiconductors PDTC144VM Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PDTC144V_SER_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 16 November 2009
8 of 11
NXP Semiconductors
PDTC144V series
NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = 10 kΩ
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Fig 11. Package outline SOT23 (TO-236AB)
Fig 12. Package outline SOT323 (SC-70)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTC144VE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC144VK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTC144VM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTC144VS
SOT54
bulk, straight leads
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-116
tape ammopack, wide pitch
-
-
-126
SOT54 variant
bulk, delta pinning
-
-112
-
PDTC144VT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTC144VU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135


Similar Part No. - PDTC144VM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC144VM NEXPERIA-PDTC144VM Datasheet
260Kb / 12P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144VM NEXPERIA-PDTC144VM Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
PDTC144VMB NEXPERIA-PDTC144VMB Datasheet
751Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTC144VMB PHILIPS-PDTC144VMB_15 Datasheet
511Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
Rev. 1-12 June 2012
More results

Similar Description - PDTC144VM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PIMH9 NXP-PIMH9 Datasheet
157Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144VMB PHILIPS-PDTC144VMB_15 Datasheet
511Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
Rev. 1-12 June 2012
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com