Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTD123ET Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTD123ET
Description  NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTD123ET Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTD123ET Datasheet HTML 1Page - NXP Semiconductors PDTD123ET Datasheet HTML 2Page - NXP Semiconductors PDTD123ET Datasheet HTML 3Page - NXP Semiconductors PDTD123ET Datasheet HTML 4Page - NXP Semiconductors PDTD123ET Datasheet HTML 5Page - NXP Semiconductors PDTD123ET Datasheet HTML 6Page - NXP Semiconductors PDTD123ET Datasheet HTML 7Page - NXP Semiconductors PDTD123ET Datasheet HTML 8Page - NXP Semiconductors PDTD123ET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PDTD123E_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 November 2009
4 of 10
NXP Semiconductors
PDTD123E series
NPN 500 mA resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
SOT346
-
-
500
K/W
SOT54
-
-
250
K/W
SOT23
-
-
500
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =40 V; IE = 0 A
-
-
100
nA
VCB =50 V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =50 V; IB =0A
-
-
0.5
μA
IEBO
emitter-base cut-off
current
VEB =5V; IC =0 A
-
-
2
mA
hFE
DC current gain
VCE =5 V; IC =50mA
40
-
-
VCEsat
collector-emitter
saturation voltage
IC =50mA; IB =2.5 mA
-
-
0.3
V
VI(off)
off-state input
voltage
VCE =5 V; IC = 100 μA0.6
1.1
1.8
V
VI(on)
on-state input
voltage
VCE =0.3 V; IC =20mA
1.0
1.5
2.0
V
R1
bias resistor 1 (input)
1.54
2.2
2.86
k
Ω
R2/R1
bias resistor ratio
0.9
1.0
1.1
Cc
collector capacitance VCB =10 V; IE =ie =0A;
f=100MHz
-7
-
pF


Similar Part No. - PDTD123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD123ET PHILIPS-PDTD123ET Datasheet
68Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTD123ET PHILIPS-PDTD123ET Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PDTD123ET NEXPERIA-PDTD123ET Datasheet
245Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
More results

Similar Description - PDTD123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB123E NXP-PDTB123E Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 02-16 November 2009
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
PDTD123Y NXP-PDTD123Y Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PDTD123Y PHILIPS-PDTD123Y_15 Datasheet
132Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PEMH20 NXP-PEMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PDTB123Y NXP-PDTB123Y Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
logo
NXP Semiconductors
PDTD123T NXP-PDTD123T Datasheet
129Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = open
Rev. 03-16 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com