Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2978 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 5Page - Linear Technology LTC2978 Datasheet HTML 6Page - Linear Technology LTC2978 Datasheet HTML 7Page - Linear Technology LTC2978 Datasheet HTML 8Page - Linear Technology LTC2978 Datasheet HTML 9Page - Linear Technology LTC2978 Datasheet HTML 10Page - Linear Technology LTC2978 Datasheet HTML 11Page - Linear Technology LTC2978 Datasheet HTML 12Page - Linear Technology LTC2978 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
LTC2978

2978fa
ADC Rejection
vs Frequency at VIN
ADC Noise Histogram
Voltage Supervisor Total
Unadjusted Error vs Temperature
Input Sampling Current
vs Differential Input Voltage
Voltage Buffered IDAC Full-Scale
Output Voltage vs Temperature
ADC Rejection
vs Frequency at VIN (Zoom)
ADC Rejection vs Frequency
at VIN (Current Sense Mode)
ADC Rejection vs Frequency
at VIN (Current Sense Mode, Zoom)
READ_VOUT (µV)
–20
0
200
400
600
800
1000
1200
–10
0
10
20
2978 G11
VIN = 0V
HIGH RESOLUTION MODE
TEMPERATURE (°C)
–50
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
–0.35
–0.40
70
2978 G12
–20
10
40
100
55
–35
–5
25
85
VIN = 0.8V
HIGH RESOLUTION MODE
INPUT VOLTAGE (V)
0
0
1
3
4
5
4
9
2978 G13
2
2
1
5
3
6
6
7
8
TEMPERATURE (°C)
–50
2.698
2.696
2.694
2.692
2.690
2.688
2.686
2.684
2.682
2.680
2.678
70
2978 G15
–20
–35
10
–5
40 55
85
25
100
FREQUENCY (Hz)
–120
–80
–40
0
–100
–60
–20
12500
25000
37500 50000
2978 G07
62500
0
FREQUENCY (Hz)
0
–120
–100
–80
–60
–40
–20
0
3125
6250
9375
12500
2978 G08
FREQUENCY (Hz)
–120
–80
–40
0
–100
–60
–20
12500
25000
37500 50000
2978 G09
62500
0
FREQUENCY (Hz)
0
–120
–100
–80
–60
–40
–20
0
3125
6250
9375
12500
2978 G10
ADC High Resolution Mode
Differential Input Current
DIFFERENTIAL INPUT VOLTAGE (mV)
0
0
10
30
40
50
120 140 160
90
2978 G14
20
60
20
80
40
100
180
60
70
80
Typical perForMance characTerisTics


Similar Part No. - LTC2978

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC2978 LINER-LTC2978 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2978 LINER-LTC2978 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTC2978 LINER-LTC2978 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results

Similar Description - LTC2978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
logo
Analog Devices
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com