Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

miniSMDC200F Datasheet(PDF) 11 Page - Tyco Electronics

Part # miniSMDC200F
Description  PolySwitch??Resettable Device Short Form Catalog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

miniSMDC200F Datasheet(HTML) 11 Page - Tyco Electronics

Back Button miniSMDC200F Datasheet HTML 7Page - Tyco Electronics miniSMDC200F Datasheet HTML 8Page - Tyco Electronics miniSMDC200F Datasheet HTML 9Page - Tyco Electronics miniSMDC200F Datasheet HTML 10Page - Tyco Electronics miniSMDC200F Datasheet HTML 11Page - Tyco Electronics miniSMDC200F Datasheet HTML 12Page - Tyco Electronics miniSMDC200F Datasheet HTML 13Page - Tyco Electronics miniSMDC200F Datasheet HTML 14Page - Tyco Electronics miniSMDC200F Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TELECOM AND BROADBAND PRODUCTS
8
TS600
Figure 7
Figure 8
BBR
Figure 9
A
B
D
C
Lead size
Ø 0.81
(0.032)
20 AWG
C
E
G
D
F
D
A
B
E
New
New
New
New
New
New
New
New
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TS600-170
0.170
0.400
60
600
3.0
4.0
9.0
18.0
UL, CSA
7
TS600-200-RA-B-0.5
0.200
0.400
60
600
3.0
4.0
7.5
13.5
UL, CSA
7
TS600-170F*
0.170
0.400
60
600
3.0
4.0
9.0
18.0
UL, CSA
7
TS600-200F-RA-B-0.5*
0.200
0.400
60
600
3.0
4.0
7.5
13.5
UL, CSA
7
TSM600-250
0.250
0.860
250
600
3.0
1.0
3.5 (typ.)
7.0
UL, CSA
8
TSM600-250-RA
0.250
0.860
250
600
3.0
1.0
3.0 (typ.)
5.0
UL, CSA
8
TSM600-250F*
0.250
0.860
250
600
3.0
1.0
3.5 (typ.)
7.0
UL, CSA
8
TSM600-250F-RA*
0.250
0.860
250
600
3.0
1.0
3.0 (typ.)
5.0
UL, CSA
8
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details.
* These parts are the RoHS compliant versions; they should be used for new designs.
Dimensions (millimeters/
inches)
Part
ABC
number
(max.)
(max.)
(max.)
Fig.
TS600-170
19.4
(0.765)
12.3
(0.485)
8.3
(0.325)
7
TS600-200-RA-B-0.5
19.4
(0.765)
12.3
(0.485)
8.3
(0.325)
7
TS600-170F*
19.4
(0.765)
12.3
(0.485)
8.3
(0.325)
7
TS600-200F-RA-B-0.5*
19.4
(0.765)
12.3
(0.485)
8.3
(0.325)
7
* These parts are the RoHS compliant versions; they should be used for new designs.
Dimensions (millimeters/
inches)
Part
ABCDE
F
G
number
(max.)
(max.)
(max.)
(max.)
(max.)
(max.)
(min.)
Fig.
TSM600-250
17.6
(0.691)
11.7
(0.460)
11.2
(0.440)
5.2
(0.230)
2.8
(0.111)
1.0
(0.038)
2.0
(0.080)
8
TSM600-250-RA
17.6
(0.691)
11.7
(0.460)
11.2
(0.440)
5.2
(0.230)
2.8
(0.111)
1.0
(0.038)
2.0
(0.080)
8
TSM600-250F*
17.6
(0.691)
11.7
(0.460)
11.2
(0.440)
5.2
(0.230)
2.8
(0.111)
1.0
(0.038)
2.0
(0.080)
8
TSM600-250F-RA*
17.6
(0.691)
11.7
(0.460)
11.2
(0.440)
5.2
(0.230)
2.8
(0.111)
1.0
(0.038)
2.0
(0.080)
8
Part
IH
IT
V max.
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
BBR550
0.55
1.1
99
20
0.80
1.30
1.95
UL, CSA
9
BBR750
0.75
1.5
99
20
0.40
0.75
1.20
UL, CSA
9
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details.
Dimensions (millimeters/
inches)
Part
ABCD
number
(max.)
(max.)
(nom.)
(min.)
Fig.
BBR550
10.9
(0.43)
14.0
(0.55)
5.80
(0.23)
7.6
(0.3)
9
BBR750
11.9
(0.47)
15.5
(0.61)
5.80
(0.23)
7.6
(0.3)
9


Similar Part No. - miniSMDC200F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
miniSMDC200F MACOM-miniSMDC200F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
MINISMDC200F MACOM-MINISMDC200F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
MINISMDC200F LITTELFUSE-MINISMDC200F Datasheet
284Kb / 2P
   Specification Status: Released
More results

Similar Description - miniSMDC200F

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P25LE-050S-DA 3M-P25LE-050S-DA Datasheet
2Mb / 32P
   Short Form Catalog
12226-5150-00PL 3M-12226-5150-00PL Datasheet
2Mb / 32P
   3M Interconnect Products Short Form Catalog
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com