Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB4 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PEMB4
Description  PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB4 Datasheet(HTML) 2 Page - NXP Semiconductors

  PEMB4 Datasheet HTML 1Page - NXP Semiconductors PEMB4 Datasheet HTML 2Page - NXP Semiconductors PEMB4 Datasheet HTML 3Page - NXP Semiconductors PEMB4 Datasheet HTML 4Page - NXP Semiconductors PEMB4 Datasheet HTML 5Page - NXP Semiconductors PEMB4 Datasheet HTML 6Page - NXP Semiconductors PEMB4 Datasheet HTML 7Page - NXP Semiconductors PEMB4 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2003 Oct 15
2
NXP Semiconductors
Product data sheet
PNP/PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = open
PEMB4; PUMB4
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• Low current peripheral drivers
• Replacement of general purpose transistors in digital
applications
• Control of IC inputs.
DESCRIPTION
PNP/PNP resistor-equipped transistors (see “Simplified
outline, symbol and pinning” for package details).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−50
V
IO
output current (DC)
−100
mA
TR1
PNP
TR2
PNP
R1
bias resistor
10
k
Ω
R2
bias resistor
open
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE
NPN/PNP
COMPLEMENT
NPN/NPN
COMPLEMENT
PHILIPS
EIAJ
PEMB4
SOT666
B4
PEMD4
PEMH4
PUMB4
SOT363
SC-88
B*4(1)
PUMD4
PUMH4
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PEMB4
1
emitter TR1
PUMB4
2
base TR1
3
collector TR2
4
emitter TR2
5
base TR2
6
collector TR1
handbook, halfpage
MAM452
12
3
4
6
5
Top view
65
4
12
3
TR1
TR2
R1
R1


Similar Part No. - PEMB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
   PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
logo
Nexperia B.V. All right...
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMB4_PUMB4 PHILIPS-PEMB4_PUMB4_15 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped
2003 Oct 15
More results

Similar Description - PEMB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
PEMD4 NXP-PEMD4 Datasheet
138Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
PEMD4_PUMD4 PHILIPS-PEMD4_PUMD4_15 Datasheet
138Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = open
2003 Oct 10
PEMB3 NXP-PEMB3 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PEMB3_PUMB3 PHILIPS-PEMB3_PUMB3_15 Datasheet
137Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
PDTA124T NXP-PDTA124T Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 k廓, R2 = open
2004 Aug 04
PDTA114E NXP-PDTA114E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
PEMB9 NXP-PEMB9 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2003 Oct 03
PDTA144T NXP-PDTA144T Datasheet
180Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 05
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com