Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUEF900-AP Datasheet(PDF) 4 Page - Tyco Electronics

Part # RUEF900-AP
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUEF900-AP Datasheet(HTML) 4 Page - Tyco Electronics

  RUEF900-AP Datasheet HTML 1Page - Tyco Electronics RUEF900-AP Datasheet HTML 2Page - Tyco Electronics RUEF900-AP Datasheet HTML 3Page - Tyco Electronics RUEF900-AP Datasheet HTML 4Page - Tyco Electronics RUEF900-AP Datasheet HTML 5Page - Tyco Electronics RUEF900-AP Datasheet HTML 6Page - Tyco Electronics RUEF900-AP Datasheet HTML 7Page - Tyco Electronics RUEF900-AP Datasheet HTML 8Page - Tyco Electronics RUEF900-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Table R2 - Thermal Derating for Radial-leaded Devices [Hold Current (A) at Ambient Temperature (°C)]
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C40°C50°C60°C70°C85°C
125°C
Part Number
RXEF
72V
RXEF110
1.71
1.50
1.31
1.10
1.06
0.89
0.79
0.69
0.59
0.44
RXEF135
2.09
1.84
1.61
1.35
1.30
1.09
0.97
0.85
0.73
0.54
RXEF160
2.48
2.18
1.90
1.60
1.54
1.30
1.15
1.01
0.86
0.64
RXEF185
2.87
2.52
2.20
1.85
1.78
1.50
1.33
1.17
1.00
0.74
RXEF250
3.88
3.40
2.98
2.50
2.40
2.03
1.80
1.58
1.35
1.00
RXEF300
4.65
4.08
3.57
3.00
2.88
2.43
2.16
1.89
1.62
1.20
RXEF375
5.81
5.10
4.46
3.75
3.60
3.04
2.70
2.36
2.03
1.50
RTEF
33V
RTEF120
1.74
1.56
1.38
1.20
1.16
1.00
0.92
0.82
0.73
0.60
RTEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.68
RTEF190
2.76
2.47
2.19
1.90
1.84
1.58
1.50
1.29
1.16
0.95
RUEF
30V
RUEF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
RUEF110
1.60
1.43
1.27
1.10
1.07
0.91
0.85
0.75
0.67
0.57
RUEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
RUEF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
RUEF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
RUEF250
3.63
3.25
2.88
2.5
2.43
2.08
1.93
1.70
1.53
1.30
RUEF300
4.35
3.90
3.45
3.0
2.91
2.49
2.31
2.04
1.83
1.56
RUEF400
5.80
5.20
4.60
4.0
3.88
3.32
3.08
2.72
2.44
2.08
RUEF500
7.25
6.50
5.75
5.0
4.85
4.15
3.85
3.40
3.05
2.60
RUEF600
8.70
7.80
6.90
6.0
5.82
4.98
4.62
4.08
3.66
3.12
RUEF700
10.15
9.10
8.05
7.0
6.79
5.81
5.39
4.76
4.27
3.64
RUEF800
11.60
10.40
9.20
8.0
7.76
6.64
6.16
5.44
4.88
4.16
RUEF900
13.05
11.70
10.35
9.0
8.73
7.47
6.93
6.12
5.49
4.68
RHEF
30V - High Temperature
RHEF050
0.68
0.62
0.56
0.51
0.5
0.44
0.40
0.36
0.34
0.28
0.12
RHEF070
0.95
0.87
0.79
0.72
0.7
0.62
0.56
0.51
0.47
0.39
0.17
RHEF100
1.36
1.24
1.13
1.03
1.00
0.89
0.80
0.73
0.67
0.56
0.24
RUSBF
16V
RUSBF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
RUSBF110
1.60
1.43
1.27
1.10
1.07
1.00
0.92
0.75
0.67
0.57
RUSBF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
RUSBF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
RUSBF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
RUSBF250
3.63
3.25
2.88
2.50
2.43
2.08
1.93
1.70
1.53
1.30
RGEF
16V - High Temperature
RGEF250
3.7
3.3
3.0
2.6
2.5
2.2
2.0
1.3
1.6
1.2
RGEF300
4.4
4.0
3.6
3.1
3.0
2.6
2.4
2.1
1.9
1.4
RGEF400
5.9
5.3
4.8
4.1
4.0
3.5
3.2
2.8
2.5
1.9
RGEF500
7.3
6.6
6.0
5.2
5.0
4.4
4.0
3.6
3.1
2.4
RGEF600
8.8
8.0
7.2
6.2
6.0
5.2
4.8
4.2
3.8
2.8
RGEF700
10.3
9.3
8.4
7.3
7.0
6.2
5.6
5.0
4.4
3.3
RGEF800
11.7
10.7
9.6
8.3
8.0
6.9
6.4
5.6
5.1
3.7
RGEF900
13.2
11.9
10.7
9.4
9.0
7.9
7.2
6.4
5.6
4.2
RGEF1000
14.7
13.3
12.0
10.3
10.0
8.7
8.0
7.0
6.3
4.7
RGEF1100
16.1
14.6
13.1
11.5
11.0
9.7
8.8
7.8
6.9
5.2
RGEF1200
17.6
16.0
14.4
12.4
12.0
10.4
9.6
8.4
7.6
5.6
RGEF1400
20.5
18.7
16.8
14.5
14.0
12.1
11.2
9.8
8.9
6.5
RHEF
16V - High Temperature
RHEF200
2.71
2.49
2.26
2.06
2.00
1.77
1.60
1.46
1.34
1.11
0.49
RHEF300
4.07
3.74
3.41
3.09
3.00
2.65
2.40
2.21
2.00
1.66
0.74
RHEF400
5.57
5.11
4.65
4.22
4.00
3.62
3.29
3.01
2.73
2.27
1.01
RHEF450
6.10
5.60
5.10
4.60
4.50
4.00
3.60
3.30
3.00
2.50
1.10
RHEF550
7.47
6.86
6.24
5.66
5.50
4.85
4.41
4.04
3.66
3.05
1.36
RHEF600
8.20
7.50
6.80
6.20
6.00
5.30
4.90
4.40
4.00
3.30
1.50
Cont'd
...
113
13


Similar Part No. - RUEF900-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUEF900-AP MACOM-RUEF900-AP Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RUEF900-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com