Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUSBF160-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RUSBF160-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF160-2 Datasheet(HTML) 3 Page - Tyco Electronics

  RUSBF160-2 Datasheet HTML 1Page - Tyco Electronics RUSBF160-2 Datasheet HTML 2Page - Tyco Electronics RUSBF160-2 Datasheet HTML 3Page - Tyco Electronics RUSBF160-2 Datasheet HTML 4Page - Tyco Electronics RUSBF160-2 Datasheet HTML 5Page - Tyco Electronics RUSBF160-2 Datasheet HTML 6Page - Tyco Electronics RUSBF160-2 Datasheet HTML 7Page - Tyco Electronics RUSBF160-2 Datasheet HTML 8Page - Tyco Electronics RUSBF160-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
113
RoHS Compliant, ELV Compliant
10
Hold Current (A)
2.000
——
——
0.0610
——
2.500
0.065
0.063
——
0.030
0.0380
——
0.030
3.000
0.050
0.040
——
0.035
0.0514
0.0430
——
3.750
0.040
0.029
——
4.000
——
0.026
——
0.020
0.0300
0.0320
——
4.500
——
——
0.0290
——
5.000
——
0.021
——
0.020
0.0192
——
5.500
——
——
0.0200
——
6.000
——
——
0.013
0.0145
0.0175
——
6.500
——
——
0.0144
——
7.000
——
——
0.013
0.0105
0.0132
——
7.500
——
——
0.0120
——
8.000
——
——
0.013
0.0086
0.0110
——
9.000
——
——
0.008
0.0070
0.0100
——
10.00
——
——
0.0056
0.0083
——
11.00
——
——
0.0050
0.0073
——
12.00
——
——
0.0046
——
13.00
——
——
0.0055
——
14.00
——
——
0.0040
0.0050
——
15.00
——
——
0.0050
——
Voltage Rating
BBRF
99V
RXEF
72V
RXEF
60V
RTEF
33V
RUEF
30V
RGEF
16V
RHEF
16V
RHEF
30V
RUSBF
16V
RUSBF
6V
RKEF
60V
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
BBRF
99V
BBRF550
0.85
0.75
0.65
0.55
0.45
0.40
0.35
0.30
0.22
RXEF
60V
RXEF005
0.078
0.068
0.06
0.05
0.048
0.04
0.035
0.032
0.027
0.02
RXEF010
0.160
0.140
0.11
0.10
0.096
0.08
0.072
0.067
0.050
0.04
RXEF017
0.260
0.230
0.21
0.17
0.160
0.14
0.120
0.110
0.090
0.07
RXEF
72V
RXEF020
0.31
0.27
0.24
0.20
0.19
0.16
0.14
0.13
0.11
0.08
RXEF025
0.39
0.34
0.30
0.25
0.24
0.20
0.18
0.16
0.14
0.10
RXEF030
0.47
0.41
0.36
0.30
0.29
0.24
0.22
0.20
0.16
0.12
RXEF040
0.62
0.54
0.48
0.40
0.38
0.32
0.29
0.25
0.22
0.16
RXEF050
0.78
0.68
0.60
0.50
0.48
0.41
0.36
0.32
0.27
0.20
RXEF065
1.01
0.88
0.77
0.65
0.62
0.53
0.47
0.41
0.35
0.26
RXEF075
1.16
1.02
0.89
0.75
0.72
0.61
0.54
0.47
0.41
0.30
RXEF090
1.40
1.22
1.07
0.90
0.86
0.73
0.65
0.57
0.49
0.36
RXEF110
1.71
1.50
1.31
1.10
1.06
0.89
0.79
0.69
0.59
0.44
RXEF135
2.09
1.84
1.61
1.35
1.30
1.09
0.97
0.85
0.73
0.54
RXEF160
2.48
2.18
1.90
1.60
1.54
1.30
1.15
1.01
0.86
0.64
RXEF185
2.87
2.52
2.20
1.85
1.78
1.50
1.33
1.17
1.00
0.74
RXEF250
3.88
3.40
2.98
2.50
2.40
2.03
1.80
1.58
1.35
1.00
RXEF300
4.65
4.08
3.57
3.00
2.88
2.43
2.16
1.89
1.62
1.20
RXEF375
5.81
5.10
4.46
3.75
3.60
3.04
2.70
2.36
2.03
1.50
Table R1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Radial-leaded Devices
Cont’d
Table R2
Thermal Derating for Radial-leaded Devices
[Hold Current (A) at Ambient Temperature (°C)]


Similar Part No. - RUSBF160-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUSBF160-2 MACOM-RUSBF160-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - RUSBF160-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUEF400K-2 MACOM-RUEF400K-2 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com