Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLR170F Datasheet(PDF) 9 Page - Tyco Electronics

Part # VLR170F
Description  PolySwitch??Resettable Device Short Form Catalog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170F Datasheet(HTML) 9 Page - Tyco Electronics

Back Button VLR170F Datasheet HTML 5Page - Tyco Electronics VLR170F Datasheet HTML 6Page - Tyco Electronics VLR170F Datasheet HTML 7Page - Tyco Electronics VLR170F Datasheet HTML 8Page - Tyco Electronics VLR170F Datasheet HTML 9Page - Tyco Electronics VLR170F Datasheet HTML 10Page - Tyco Electronics VLR170F Datasheet HTML 11Page - Tyco Electronics VLR170F Datasheet HTML 12Page - Tyco Electronics VLR170F Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TELECOM AND BROADBAND PRODUCTS
6
Figure 1
Figure 2
TR250
A
B
E
φ 0.65mm
C
B
D
φ 0.65mm
A
E
These product lines consist of radial-leaded and
surface-mount devices that help protect against short
duration high voltage faults (250-600Vrms). TR and
TS products are designed to help meet the protection
needs of telecommunications applications. BBR
devices help provide overcurrent protection of the
power tap in hybrid-coaxial applications.
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TR250-080T
0.080
0.160
60
250
3.0
15.0
22.0
33.0
UL, TÜV, CSA
1
TR250-080U
0.080
0.160
60
250
3.0
14.0
20.0
33.0
UL, TÜV, CSA
1
TR250-110U
0.110
0.220
60
250
3.0
5.0
9.0
16.0
UL, TÜV, CSA
1
TR250-120
0.120
0.240
60
250
3.0
4.0
8.0
16.0
UL, TÜV, CSA
2
TR250-120T
0.120
0.240
60
250
3.0
7.0
12.0
16.0
UL, TÜV, CSA
2
TR250-120T-RA
0.120
0.240
60
250
3.0
7.0
9.0
16.0
UL, TÜV, CSA
2
TR250-120T-RC
0.130
0.240
60
250
3.0
5.4
7.5
14.0
UL, TÜV, CSA
2
TR250-120T-RF
0.120
0.240
60
250
3.0
6.0
10.5
16.0
UL, TÜV, CSA
2
TR250-120T-R1
0.120
0.240
60
250
3.0
6.0
9.0
16.0
UL, TÜV, CSA
2
TR250-120T-R2
0.120
0.240
60
250
3.0
8.0
10.5
16.0
UL, TÜV, CSA
2
TR250-120U
0.120
0.240
60
250
3.0
6.0
10.0
16.0
UL, TÜV, CSA
2
TR250-120UT
0.120
0.240
60
250
3.0
7.0
12.0
16.0
UL, TÜV, CSA
2
TR250-145
0.145
0.290
60
250
3.0
3.0
6.0
14.0
UL, TÜV, CSA
2
TR250-145-RA
0.145
0.290
60
250
3.0
3.0
5.5
12.0
UL, TÜV, CSA
2
TR250-145-RB
0.145
0.290
60
250
3.0
4.5
6.0
14.0
UL, TÜV, CSA
2
TR250-145T
0.145
0.290
60
250
3.0
5.4
7.5
14.0
UL, TÜV, CSA
2
TR250-145U
0.145
0.290
60
250
3.0
3.5
6.5
12.0
UL, TÜV, CSA
2
TRF250-180
0.180
0.650
100
250
10.0
0.8
2.2
4.0
UL, TÜV, CSA
1
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
F is for RoHS compliant devices.
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(min.)
(typ.)
Fig.
TR250-080T
5.8
(0.228)
9.9
(0.390)
4.6
(0.181)
4.7
(0.185)
5.0
(0.197)
1
TR250-080U
4.8
(0.189)
9.3
(0.366)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1
TR250-110U
5.3
(0.210)
9.4
(0.370)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1
TR250-120
6.5
(0.256)
11.0
(0.433)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
2
TR250-120U
6.0
(0.236)
10.0
(0.394)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
2
TR250-145
6.5
(0.256)
11.0
(0.433)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
2
TR250-145U
6.0
(0.236)
10.0
(0.394)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
2
TRF250-180
9.0
(0.354)
12.0
(0.472)
3.8
(0.150)
4.7
(0.185)
5.0
(0.197)
1


Similar Part No. - VLR170F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR170F MACOM-VLR170F Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
VLR170F LITTELFUSE-VLR170F Datasheet
619Kb / 14P
   POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - VLR170F

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P25LE-050S-DA 3M-P25LE-050S-DA Datasheet
2Mb / 32P
   Short Form Catalog
12226-5150-00PL 3M-12226-5150-00PL Datasheet
2Mb / 32P
   3M Interconnect Products Short Form Catalog
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com