Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03-12-1036 Datasheet(PDF) 1 Page - MolexKits

Part # 03-12-1036
Description  Single Row Plug and Receptacle with Universal Crimp Tool
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

03-12-1036 Datasheet(HTML) 1 Page - MolexKits

  03-12-1036 Datasheet HTML 1Page - MolexKits 03-12-1036 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0001
Connector Type:
Plugs and Receptacles
Voltage:
(18-16) and (14-10) AWG
Current Rating:
1, 2, 3 and 4
Wire size:
Features and Benefits
Applications
Circuit Sizes:
(12 and 20) Amps - Dependent on Wire Gauge
600 Volts
HCS-125 is a high current, economical power pin and socket wire-to-wire power
connector. Capable of carrying up to 20 amperes per circuit in a wire-to-wire
configuration. These connectors are Dual gender housings, can take either pins or
sockets.
General Information
Molex / Waldom
Wire-to-Wire
8.38mm (.330")
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Design
Configuration:
Part Number:
76650-0001
Manufacturer:
Country of Origin:
HCS-125
Certificates:
Single Row Plug and Receptacle with Universal Crimp Tool
Title:
HCS-125 Power Connector Kit
• The HCS-125 is an enhanced version of
the Molex proven .125" system and meets
the need for a connector system rated at
greater than the industry standard 12.0A
per circuit
• Positive locks prevent accidental
unmating
• Fully isolated terminals protect terminals
• Pull tabs
Product Highlights
• Residential or commercial appliances
• HVAC equipment
• Computer servers
• Networking equipment
• Office equipment
• Fitness equipment
• Medical equipment
• Retail Security Scanning Systems
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 03-12-1036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-12-1036 MOLEX11-03-12-1036 Datasheet
126Kb / 2P
   .125 HOUSING, PLUG AND RECEPTACLE, 3 CIRCUIT, 330 CENTERS
03-12-1036 MOLEX1-03-12-1036 Datasheet
42Kb / 1P
   3.18mm Diameter, HCS125
03-12-1036 MOLEX11-03-12-1036 Datasheet
42Kb / 1P
   3.18mm Diameter, HCS125, Pin and Socket Plug Housing, Single Row, without Panel Mount Ears, 3 Circuits, Natural, Nylon 94V-2
More results

Similar Description - 03-12-1036

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0018 MOLEXKITS-76650-0018 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
76650-0012 MOLEXKITS-76650-0012 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
76650-0196 MOLEXKITS-76650-0196 Datasheet
40Kb / 3P
   KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
76650-0019 MOLEXKITS-76650-0019 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
76650-0033 MOLEXKITS-76650-0033 Datasheet
38Kb / 2P
   Sealed Spade and Heat Shrink Tubing with Universal Crimp Tool
76650-0007 MOLEXKITS-76650-0007 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0008 MOLEXKITS-76650-0008 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
logo
Molex Electronics Ltd.
0638199600 MOLEX-0638199600 Datasheet
38Kb / 1P
   Hand Crimp Tool For Projector Lamp Plug and Receptacle Terminal
11/02/2021
63819-9600 MOLEX11-63819-9600 Datasheet
45Kb / 1P
   Hand Crimp Tool For Projector Lamp Plug and Receptacle Terminal
62203-1410 MOLEX-62203-1410 Datasheet
984Kb / 4P
   Plug and Receptacle Removal Tool
02-02-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com