Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42816-0212 Datasheet(PDF) 1 Page - MolexKits

Part # 42816-0212
Description  Fully Polarized Single Row Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

42816-0212 Datasheet(HTML) 1 Page - MolexKits

  42816-0212 Datasheet HTML 1Page - MolexKits 42816-0212 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0002
Wire size:
600 Volts
Voltage:
(12-10) AWG
Product Highlights
Circuit Sizes:
(23 - 33) Amps - Depending on circuit size and wire gauge
Connector Type:
Plugs and Receptacles
Current Rating:
2, 3, 4 and 6
General Information
Molex / Waldom
Wire-to-Wire
10mm (.393”)
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL, CSA and TUV
Design
Configuration:
Part Number:
76650-0002
Manufacturer:
Country of Origin:
Mini-Fit Sr.™
Certificates:
Fully Polarized Single Row Plug and Receptacle
Title:
Mini-Fit Sr. Power Connector Kit
Need for power connectors above 20 Amps. Lower mating forces with increased
reliability. More current packed into fewer lines. The system is UL, CSA and TUV
approved. -40 Degrees C to +105 Degrees C
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 42816-0212

ManufacturerPart #DatasheetDescription
logo
MolexKits
42816-0212 MOLEXKITS-42816-0212 Datasheet
38Kb / 2P
   Gold Right Angle Header,Plug and Receptacle
42816-0212 MOLEXKITS-42816-0212 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
42816-0212 MOLEX11-42816-0212 Datasheet
41Kb / 2P
   10.00mm Pitch Mini-Fit Sr.??Receptacle Housing, Single Row, 2 Circuits
More results

Similar Description - 42816-0212

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0186 MOLEXKITS-76650-0186 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
76650-0059 MOLEXKITS-76650-0059 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 4 Circuit
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
76650-0060 MOLEXKITS-76650-0060 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 2 Circuit
76650-0058 MOLEXKITS-76650-0058 Datasheet
38Kb / 2P
   Single Row Panel Mount Plug and Receptacle, 3 Circuit
76650-0072 MOLEXKITS-76650-0072 Datasheet
38Kb / 2P
   Panel Mount Single Row Plug and Receptacle, 5 Circuit
logo
Tyco Electronics
2-104257-0 MACOM-2-104257-0 Datasheet
79Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL POLARIZED WITH LATCH
2-104257-4 MACOM-2-104257-4 Datasheet
79Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL POLARIZED WITH LATCH
3-111623-1 MACOM-3-111623-1 Datasheet
204Kb / 1P
   RECEPTACLE ASSY, POLARIZED
2-104257-1 MACOM-2-104257-1 Datasheet
79Kb / 1P
   RECEPTACLE HOUSING, AMPMODU MTE, SINGLE ROW, .100CL POLARIZED WITH LATCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com