Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGEF1000-AP Datasheet(PDF) 11 Page - Tyco Electronics

Part # RGEF1000-AP
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RGEF1000-AP Datasheet(HTML) 11 Page - Tyco Electronics

Back Button RGEF1000-AP Datasheet HTML 7Page - Tyco Electronics RGEF1000-AP Datasheet HTML 8Page - Tyco Electronics RGEF1000-AP Datasheet HTML 9Page - Tyco Electronics RGEF1000-AP Datasheet HTML 10Page - Tyco Electronics RGEF1000-AP Datasheet HTML 11Page - Tyco Electronics RGEF1000-AP Datasheet HTML 12Page - Tyco Electronics RGEF1000-AP Datasheet HTML 13Page - Tyco Electronics RGEF1000-AP Datasheet HTML 14Page - Tyco Electronics RGEF1000-AP Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Table R4 - Dimensions for Radial-leaded Devices in Millimeters (Inches)
Cont'd
...
Dimension
Part
A
B
C
D
E
F
H
J
Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
TYP.
TYP.
TYP.
Figure
RXEF
60V
RXEF005
8.0
8.3
3.0
7.6
4.3
5.8
1.07
1.0
R9, R15,
(0.32)
(0.33)
(0.12)
(0.30)
(0.17)
(0.23)
(0.042)
(0.04)
R16
RXEF010
7.4
11.6
3.0
7.6
4.3
5.8
1.07
1.0
R10, R15,
(0.29)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.042)
(0.04)
R16
RXEF017
7.4
12.7
3.0
7.6
4.3
5.8
1.68
1.7
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.066)
(0.07)
R16
RXEF020
7.4
11.7
3.0
7.6
4.3
5.8
1.17
1.0
R10, R15,
(0.29)
(0.46)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF025
7.4
12.7
3.0
7.6
4.3
5.8
1.17
1.0
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF030
7.4
12.7
3.0
7.6
4.3
5.8
1.17
1.0
R10, R15,
(0.29)
(0.50)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.04)
R16
RXEF040
7.6
13.5
3.0
7.6
4.3
5.8
1.17
1.2
R10, R15,
(0.30)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.05)
R16
RXEF050
7.9
13.7
3.0
7.6
4.3
5.8
1.17
1.2
R10, R15,
(0.31)
(0.54)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.05)
R16
RXEF065
9.4
14.5
3.0
7.6
4.3
5.8
1.17
1.5
R10, R15,
(0.37)
(0.57)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF075
10.2
15.2
3.0
7.6
4.3
5.8
1.17
1.5
R10, R15,
(0.40)
(0.60)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF090
11.2
15.8
3.0
7.6
4.3
5.8
1.17
1.5
R10, R15,
(0.44)
(0.62)
(0.12)
(0.30)
(0.17)
(0.23)
(0.046)
(0.06)
R16
RXEF110
12.8
17.5
3.0
7.6
4.3
5.8
1.37
1.2
R11, R15,
(0.50)
(0.69)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.05)
R16
RXEF135
14.5
19.1
3.0
7.6
4.3
5.8
1.37
1.2
R11, R15,
(0.57)
(0.75)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.05)
R16
RXEF160
16.3
20.8
3.0
7.6
4.3
5.8
1.37
1.5
R11, R15,
(0.64)
(0.82)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.06)
R16
RXEF185
17.5
22.4
3.0
7.6
4.3
5.8
1.37
1.5
R11, R15,
(0.69)
(0.88)
(0.12)
(0.30)
(0.17)
(0.23)
(0.054)
(0.06)
R16
RXEF250
20.8
25.4
3.0
7.6
9.4
10.9
1.37
1.7
R11, R15,
(0.82)
(1.00)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RXEF300
23.9
28.6
3.0
7.6
9.4
10.9
1.37
1.7
R11, R15,
(0.94)
(1.13)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RXEF375
27.2
31.8
3.0
7.6
9.4
10.9
1.37
1.7
R11, R15,
(1.07)
(1.25)
(0.12)
(0.30)
(0.37)
(0.43)
(0.054)
(0.07)
R16
RTEF
33V
RTEF120
7.4
12.2
3.0
7.6
4.3
5.8
0.89
0.8
R12, R15,
(0.29)
(0.48)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RTEF135
7.4
14.2
3.0
7.6
4.3
5.8
0.89
0.8
R12, R15,
(0.29)
(0.56)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RTEF190
8.9
13.5
3.0
7.6
4.3
5.8
0.89
1.0
R12, R15,
(0.35)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF
30V
RUEF090
7.4
12.2
3.0
7.6
4.3
5.8
0.89
0.8
R12, R15,
(0.29)
(0.48)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUEF110
7.4
14.2
3.0
7.6
4.3
5.8
0.89
0.8
R12, R15,
(0.29)
(0.56)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.03)
R16
RUEF135
8.9
13.5
3.0
7.6
4.3
5.8
0.89
1.0
R12, R15,
(0.35)
(0.53)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF160
8.9
15.2
3.0
7.6
4.3
5.8
0.89
1.0
R12, R15,
(0.35)
(0.60)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF185
10.2
15.7
3.0
7.6
4.3
5.8
0.89
1.0
R12, R15,
(0.40)
(0.62)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.04)
R16
RUEF250
11.4
18.3
3.0
7.6
4.3
5.8
0.89
1.2
R12, R15,
(0.45)
(0.72)
(0.12)
(0.30)
(0.17)
(0.23)
(0.035)
(0.05)
R16
RUEF300
11.4
16.5
3.0
7.6
4.3
5.8
1.19
1.5
R13, R15,
(0.45)
(0.65)
(0.12)
(0.30)
(0.17)
(0.23)
(0.047)
(0.06)
R16
RUEF400
14.0
19.3
3.0
7.6
4.3
5.8
1.19
1.7
R13, R15,
(0.55)
(0.76)
(0.12)
(0.30)
(0.17)
(0.23)
(0.047)
(0.07)
R16
13
120


Similar Part No. - RGEF1000-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RGEF1000-AP MACOM-RGEF1000-AP Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RGEF1000-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com