Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMB18 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PEMB18
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMB18 Datasheet(HTML) 9 Page - NXP Semiconductors

  PEMB18 Datasheet HTML 1Page - NXP Semiconductors PEMB18 Datasheet HTML 2Page - NXP Semiconductors PEMB18 Datasheet HTML 3Page - NXP Semiconductors PEMB18 Datasheet HTML 4Page - NXP Semiconductors PEMB18 Datasheet HTML 5Page - NXP Semiconductors PEMB18 Datasheet HTML 6Page - NXP Semiconductors PEMB18 Datasheet HTML 7Page - NXP Semiconductors PEMB18 Datasheet HTML 8Page - NXP Semiconductors PEMB18 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NXP Semiconductors
PEMB18; PUMB18
PNP/PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 1 September 2009
Document identifier: PEMB18_PUMB18_4
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 6
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
12
Contact information. . . . . . . . . . . . . . . . . . . . . . 8
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


Similar Part No. - PEMB18

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMB18 NEXPERIA-PEMB18 Datasheet
723Kb / 15P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 5 - 21 December 2011
logo
NXP Semiconductors
PEMB18_PUMB18 PHILIPS-PEMB18_PUMB18_15 Datasheet
588Kb / 14P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k?? R2 = 10 k?
Rev. 5-21 December 2011
More results

Similar Description - PEMB18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PDTA143X NXP-PDTA143X Datasheet
93Kb / 12P
   PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
logo
Nexperia B.V. All right...
PDTA144V_SER NEXPERIA-PDTA144V_SER Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com