Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W-HT-1919 Datasheet(PDF) 1 Page - MolexKits

Part # W-HT-1919
Description  KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

W-HT-1919 Datasheet(HTML) 1 Page - MolexKits

  W-HT-1919 Datasheet HTML 1Page - MolexKits W-HT-1919 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0008
The KK system of "building block" connectors can be used to create thousands of
different configurations, allowing each user to build a system that is precisely suited
to their application. KK has become known as a versatile interconnecting system
developed to meet the challenge of modularization.
(4.75 - 5) Amps Dependant on AWG
Connector Type:
Receptacle and Header
Vertical and Right Angle
Mounting
Orientation:
2, 3, 4, 5, 6 and 10
Circuit Sizes:
Wire size:
250 Volts
Product Highlights
Voltage:
20-18 AWG
3.96mm (.156")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Vertical and Right Angle Header and Receptacle, with Extraction and Universal
Crimp Tool
(Molex parts within this kit) EU and China RoHS, UL, CSA
Pitch:
KK-156 Connector Kit
General Information
Molex / Waldom
Wire-to-Board
Part Number:
76650-0008
Manufacturer:
Country of Origin:
KK™
Certificates:
Title:
Specifications
Features and Benefits
Applications
• Standard cantilever terminals
• Cantilever design provides high contact
pressure
• Wiping action cleans oxides when
connector is mated
• Locking ramps for improved retention
when mated
• Vending and Gaming Machines
• Production Equipment
• Industrial Instruments
• Energy and Power
Current Rating:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - W-HT-1919

ManufacturerPart #DatasheetDescription
logo
MolexKits
W-HT-1919 MOLEXKITS-W-HT-1919 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
W-HT-1919 MOLEXKITS-W-HT-1919 Datasheet
40Kb / 3P
   KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
More results

Similar Description - W-HT-1919

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0010 MOLEXKITS-76650-0010 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0007 MOLEXKITS-76650-0007 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0009 MOLEXKITS-76650-0009 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0196 MOLEXKITS-76650-0196 Datasheet
40Kb / 3P
   KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
76650-0018 MOLEXKITS-76650-0018 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
76650-0019 MOLEXKITS-76650-0019 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
76650-0012 MOLEXKITS-76650-0012 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com