Selected language     English  ▼


W-HT-1884 Datasheet(PDF) 2 Page - MolexKits

Part No. W-HT-1884
Description  KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEXKITS [MolexKits]
Homepage  http://www.molexkits.com
Logo 

   
 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0010
Molex Part No.
Quantity in
Kit
08-50-0106
100
09-50-7021
14
09-50-7031
8
09-50-7041
8
09-50-7051
6
09-50-7061
6
09-50-7101
8
26-48-1021
3.96mm (.156") Pitch 2 Circuit Vertical Breakaway Headers
7
26-48-1022
7
26-48-1031
4
26-48-1032
4
26-48-1041
4
26-48-1042
4
26-48-1051
3
26-48-1052
3
26-48-1061
3
26-48-1062
3
26-48-1101
3
26-48-1102
3
W-HT-1884^
Extraction Tool
1
63811-1000
Premium Crimping Tool
1
^ = Tool Provided by Waldom
3.96mm (.156") Pitch 10 Circuit KK™ Vertical Breakaway
Headers
3.96mm (.156") Pitch 10 Circuit KK™ Receptacle
KK™156 Crimp Terminals 20-18 AWG Tin
3.96mm (.156") Pitch 2 Circuit KK™ Receptacle
3.96mm (.156") Pitch 3 Circuit KK™ Receptacle
3.96mm (.156") Pitch 4 Circuit KK™ Receptacle
3.96mm (.156") Pitch 5 Circuit KK™ Receptacle
3.96mm (.156") Pitch 6 Circuit KK™ Receptacle
3.96mm (.156") Pitch 10 Circuit KK™ Right Angle
Breakaway Headers
3.96mm (.156") Pitch 2 Circuit KK™ Right Angle Breakaway
Headers
3.96mm (.156") Pitch 3 Circuit KK™ Vertical Breakaway
Headers
3.96mm (.156") Pitch 3 Circuit KK™ Right Angle Breakaway
Headers
3.96mm (.156") Pitch 4 Circuit KK™ Vertical Breakaway
Headers
3.96mm (.156") Pitch 4 Circuit KK™ Right Angle Breakaway
Headers
3.96mm (.156") Pitch 5 Circuit KK™ Vertical Breakaway
Headers
3.96mm (.156") Pitch 5 Circuit KK™ Right Angle Breakaway
Headers
3.96mm (.156") Pitch 6 Circuit KK™ Vertical Breakaway
Headers
3.96mm (.156") Pitch 6 Circuit KK™ Right Angle Breakaway
Headers
USA
Bill of Materials for Part No. 76650-0010
USA
USA
Description
USA
USA
Country
of Origin
USA
USA
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
USA
USA
Mexico
Mexico
Mexico
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 3




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl