Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4525E6TA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZVN4525E6TA
Description  250V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4525E6TA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZVN4525E6TA Datasheet HTML 1Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 2Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 3Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 4Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 5Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 6Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 7Page - Zetex Semiconductors ZVN4525E6TA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ISSUE 1 - MARCH 2001
ZVN4525E6
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNI
T
CONDITIONS.
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
250
285
V
I
D=1mA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
35
500
nA
V
DS=250V, VGS=0V
Gate-Body Leakage
I
GSS
±1
±100
nA
V
GS=±40V, VDS=0V
Gate-Source Threshold Voltage
V
GS(th)
0.8
1.4
1.8
V
I
D
=1mA, V
DS=VGS
Static Drain-Source On-State Resistance (1)
R
DS(on)
5.6
5.9
6.4
8.5
9.0
9.5
V
GS=10V, ID=500mA
V
GS=4.5V, ID=360mA
V
GS=2.4V, ID=20mA
Forward Transconductance (3)
g
fs
0.3
0.475
S
V
DS=10V,ID=0.3A
DYNAMIC (3)
Input Capacitance
C
iss
72
pF
V
DS=25V,VGS=0V,
f=1MHz
Output Capacitance
C
oss
11
pF
Reverse Transfer Capacitance
C
rss
3.6
pF
SWITCHING(2) (3)
Turn-On Delay Time
t
d(on)
1.25
ns
V
DD =30V, ID=360mA
R
G=50Ω,Vqs=10V
(refer to test circuit)
Rise Time
t
r
1.70
ns
Turn-Off Delay Time
t
d(off)
11.40
ns
Fall Time
t
f
3.5
ns
Total Gate Charge
Q
g
2.6
3.65
nC
V
DS=25V,VGS=10V,
ID=360mA(refer to
test circuit)
Gate-Source Charge
Q
gs
0.2
0.28
nC
Gate Drain Charge
Q
gd
0.5
0.70
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage (1)
V
SD
0.97
V
T
j=25°C, IS=360mA,
V
GS=0V
Reverse Recovery Time (3)
t
rr
186
260
ns
T
j=25°C, IF=360mA,
di/dt= 100A/
µs
Reverse Recovery Charge (3)
Q
rr
34
48
nC
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZVN4525E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4525E6TA DIODES-ZVN4525E6TA Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525E6TA DIODES-ZVN4525E6TA Datasheet
1Mb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZVN4525E6TA VBSEMI-ZVN4525E6TA Datasheet
449Kb / 9P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - ZVN4525E6TA

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KVN4525E6 KEXIN-KVN4525E6 Datasheet
56Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZVN4525G ZETEX-ZVN4525G Datasheet
408Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTB1K8N25N3 CYSTEKEC-MTB1K8N25N3 Datasheet
651Kb / 9P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6_15 Datasheet
1Mb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVN4525Z ZETEX-ZVN4525Z Datasheet
431Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZVN4525E6 DIODES-ZVN4525E6 Datasheet
437Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G Datasheet
419Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVN4525Z KEXIN-KVN4525Z Datasheet
55Kb / 2P
   250V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVN4525Z DIODES-ZVN4525Z Datasheet
443Kb / 8P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN4525G DIODES-ZVN4525G_15 Datasheet
295Kb / 7P
   250V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com