Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57309-6000 Datasheet(PDF) 2 Page - MolexKits

Part # 57309-6000
Description  Fully Shrouded Positive Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

57309-6000 Datasheet(HTML) 2 Page - MolexKits

  57309-6000 Datasheet HTML 1Page - MolexKits 57309-6000 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0116
Molex Part No.
Quantity in
Kit
50351-8100-C
100
51103-0200
5
51103-0300
5
51103-0400
5
51103-0500
5
51103-0600
5
53426-0210
5
53426-0310
5
53426-0410
5
53426-0510
5
53426-0610
5
Molex Part No.
63811-8100 *
57309-6000 *
Japan
Japan
2.50mm (.098") Pitch Mini-Lock™ Right Angle Headers 3
Circuits
Bill of Materials for Part No. 76650-0116
Mini-Lock™ Female Crimp Terminals 28-22 AWG
2.50mm (.098") Pitch Mini-Lock™ Receptacles 2 Circuits
Japan
Japan
Country
of Origin
2.50mm (.098") Pitch Mini-Lock™ Right Angle Headers 2
Circuits
Description
2.50mm (.098") Pitch Mini-Lock™ Receptacles 6 Circuits
2.50mm (.098") Pitch Mini-Lock™ Receptacles 3 Circuits
2.50mm (.098") Pitch Mini-Lock™ Receptacles 4 Circuits
2.50mm (.098") Pitch Mini-Lock™ Receptacles 5 Circuits
Japan
Japan
Japan
Sweden
Japan
Japan
2.50mm (.098") Pitch Mini-Lock™ Right Angle Headers 6
Circuits
2.50mm (.098") Pitch Mini-Lock™ Right Angle Headers 5
Circuits
Japan
2.50mm (.098") Pitch Mini-Lock™ Right Angle Headers 4
Circuits
Japan
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0116*
Country
of Origin
Description
Japan
Hand Crimp Tool
Extraction Tool
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 57309-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57309-6000 MOLEX-57309-6000 Datasheet
310Kb / 2P
   2.50mm (.098") Pitch Mini-Lock?
logo
MolexKits
57309-6000 MOLEXKITS-57309-6000 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
57309-6000 MOLEXKITS-57309-6000 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical Header and Receptacle
57309-6000 MOLEXKITS-57309-6000 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
More results

Similar Description - 57309-6000

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0115 MOLEXKITS-76650-0115 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical Header and Receptacle
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0202 MOLEXKITS-76650-0202 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0135 MOLEXKITS-76650-0135 Datasheet
43Kb / 2P
   Positive Lock Through Hole Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com